Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 438 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 438 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 434Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 435Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 436Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 437Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 438Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 439Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 440Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 441Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 442Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
438
Freescale Semiconductor
Read: Anytime
Write: Anytime in initialization mode (INITRQ = 1 and INITAK = 1), except bits IDHITx, which are
read-only
The IDHITx indicators are always related to the message in the foreground buffer (RxFG). When a
message gets shifted into the foreground buffer of the receiver FIFO the indicators are updated as well.
10.3.2.13 MSCAN Reserved Register
This register is reserved for factory testing of the MSCAN module and is not available in normal system
operation modes.
Table 10-16. CANIDAC Register Field Descriptions
Field
Description
5:4
IDAM[1:0]
Identifier Acceptance Mode — The CPU sets these flags to define the identifier acceptance filter organization
(see Section 10.4.3, “Identifier Acceptance Filter”). Table 10-17 summarizes the different settings. In filter closed
mode, no message is accepted such that the foreground buffer is never reloaded.
2:0
IDHIT[2:0]
Identifier Acceptance Hit Indicator — The MSCAN sets these flags to indicate an identifier acceptance hit (see
Section 10.4.3, “Identifier Acceptance Filter”). Table 10-18 summarizes the different settings.
Table 10-17. Identifier Acceptance Mode Settings
IDAM1
IDAM0
Identifier Acceptance Mode
0
0
Two 32-bit acceptance filters
0
1
Four 16-bit acceptance filters
1
0
Eight 8-bit acceptance filters
1
1
Filter closed
Table 10-18. Identifier Acceptance Hit Indication
IDHIT2
IDHIT1
IDHIT0
Identifier Acceptance Hit
0
0
0
Filter 0 hit
0
0
1
Filter 1 hit
0
1
0
Filter 2 hit
0
1
1
Filter 3 hit
1
0
0
Filter 4 hit
1
0
1
Filter 5 hit
1
1
0
Filter 6 hit
1
1
1
Filter 7 hit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com