Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 439 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 439 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 435Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 436Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 437Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 438Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 439Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 440Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 441Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 442Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 443Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
439
Read: Always read 0x0000 in normal system operation modes
Write: Unimplemented in normal system operation modes
NOTE
Writing to this register when in special modes can alter the MSCAN
functionality.
10.3.2.14 MSCAN Miscellaneous Register (CANMISC)
This register provides additional features.
Read: Anytime
Write: Anytime; write of ‘1’ clears flag; write of ‘0’ ignored
10.3.2.15 MSCAN Receive Error Counter (CANRXERR)
This register reflects the status of the MSCAN receive error counter.
76543210
R
00000000
W
Reset:
00000000
= Unimplemented
Figure 10-16. MSCAN Reserved Register
76543210
R
0000000
BOHOLD
W
Reset:
00000000
= Unimplemented
Figure 10-17. MSCAN Miscellaneous Register (CANMISC)
Table 10-19. CANMISC Register Field Descriptions
Field
Description
0
BOHOLD
Bus-off State Hold Until User Request — If BORM is set in Section 10.3.2.2, “MSCAN Control Register 1
(CANCTL1), this bit indicates whether the module has entered the bus-off state. Clearing this bit requests the
recovery from bus-off. Refer to Section 10.5.2, “Bus-Off Recovery,” for details.
0 Module is not bus-off or recovery has been requested by user in bus-off state
1 Module is bus-off and holds this state until user request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com