Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 547 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 547 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 543Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 544Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 545Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 546Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 547Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 548Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 549Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 550Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 551Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 547 / 1350 page
background image
Chapter 13 Periodic Interrupt Timer (S12PIT24B4CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
547
13.3.0.4
PIT Multiplex Register (PITMUX)
Read: Anytime
Write: Anytime; writes to the reserved bits have no effect
13.3.0.5
PIT Interrupt Enable Register (PITINTE)
Read: Anytime
Write: Anytime; writes to the reserved bits have no effect
76543210
R
0000
PMUX3
PMUX2
PMUX1
PMUX0
W
Reset
00000000
= Unimplemented or Reserved
Figure 13-6. PIT Multiplex Register (PITMUX)
Table 13-4. PITMUX Field Descriptions
Field
Description
3:0
PMUX[3:0]
PIT Multiplex Bits for Timer Channel 3:0 — These bits select if the corresponding 16-bit timer is connected to
micro time base 1 or 0. If PMUX is modified, the corresponding 16-bit timer is immediately switched to the other
micro time base.
0 The corresponding 16-bit timer counts with micro time base 0.
1 The corresponding 16-bit timer counts with micro time base 1.
76543210
R
0000
PINTE3
PINTE2
PINTE1
PINTE0
W
Reset
00000000
= Unimplemented or Reserved
Figure 13-7. PIT Interrupt Enable Register (PITINTE)
Table 13-5. PITINTE Field Descriptions
Field
Description
3:0
PINTE[3:0]
PIT Time-out Interrupt Enable Bits for Timer Channel 3:0 — These bits enable an interrupt service request
whenever the time-out flag PTF of the corresponding PIT channel is set. When an interrupt is pending (PTF set)
enabling the interrupt will immediately cause an interrupt. To avoid this, the corresponding PTF flag has to be
cleared first.
0 Interrupt of the corresponding PIT channel is disabled.
1 Interrupt of the corresponding PIT channel is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com