Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 549 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 549 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 545Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 546Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 547Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 548Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 549Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 550Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 551Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 552Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 553Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 549 / 1350 page
background image
Chapter 13 Periodic Interrupt Timer (S12PIT24B4CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
549
13.3.0.8
PIT Load Register 0 to 3 (PITLD0–3)
Read: Anytime
Write: Anytime
15
14
13
12
11
10
9876543210
R
PLD15 PLD14 PLD13 PLD12 PLD11 PLD10 PLD9 PLD8 PLD7 PLD6 PLD5 PLD4 PLD3 PLD2 PLD1 PLD0
W
Reset
000000
0000000000
Figure 13-11. PIT Load Register 0 (PITLD0)
15
14
13
12
11
10
9876543210
R
PLD15 PLD14 PLD13 PLD12 PLD11 PLD10 PLD9 PLD8 PLD7 PLD6 PLD5 PLD4 PLD3 PLD2 PLD1 PLD0
W
Reset
000000
0000000000
Figure 13-12. PIT Load Register 1 (PITLD1)
15
14
13
12
11
10
9876543210
R
PLD15 PLD14 PLD13 PLD12 PLD11 PLD10 PLD9 PLD8 PLD7 PLD6 PLD5 PLD4 PLD3 PLD2 PLD1 PLD0
W
Reset
000000
0000000000
Figure 13-13. PIT Load Register 2 (PITLD2)
15
14
13
12
11
10
9876543210
R
PLD15 PLD14 PLD13 PLD12 PLD11 PLD10 PLD9 PLD8 PLD7 PLD6 PLD5 PLD4 PLD3 PLD2 PLD1 PLD0
W
Reset
000000
0000000000
Figure 13-14. PIT Load Register 3 (PITLD3)
Table 13-8. PITLD0–3 Field Descriptions
Field
Description
15:0
PLD[15:0]
PIT Load Bits 15:0 — These bits set the 16-bit modulus down-counter load value. Writing a new value into the
PITLD register must be a 16-bit access, to ensure data consistency. It will not restart the timer. When the timer
has counted down to zero the PTF time-out flag will be set and the register value will be loaded. The PFLT bits
in the PITFLT register can be used to immediately update the count register with the new value if an immediate
load is desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com