Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 552 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 552 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 548Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 549Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 550Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 551Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 552Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 553Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 554Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 555Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 556Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 1350 page
background image
Chapter 13 Periodic Interrupt Timer (S12PIT24B4CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
552
Freescale Semiconductor
Whenever a 16-bit timer counter and the connected 8-bit micro timer counter have counted to zero, the
PITLD register is reloaded and the corresponding time-out flag PTF in the PIT time-out flag (PITTF)
register is set, as shown in Figure 13-20. The time-out period is a function of the timer load (PITLD) and
micro timer load (PITMTLD) registers and the bus clock fBUS:
time-out period = (PITMTLD + 1) * (PITLD + 1) / fBUS.
For example, for a 40 MHz bus clock, the maximum time-out period equals:
256 * 65536 * 25 ns = 419.43 ms.
The current 16-bit modulus down-counter value can be read via the PITCNT register. The micro timer
down-counter values cannot be read.
The 8-bit micro timers can individually be restarted by writing a one to the corresponding force load micro
timer PFLMT bits in the PIT control and force load micro timer (PITCFLMT) register. The 16-bit timers
can individually be restarted by writing a one to the corresponding force load timer PFLT bits in the PIT
forceload timer (PITFLT) register. If desired, any group of timers and micro timers can be restarted at the
same time by using one 16-bit write to the adjacent PITCFLMT and PITFLT registers with the relevant
bits set, as shown in Figure 13-20.
Figure 13-20. PIT Trigger and Flag Signal Timing
13.4.2
Interrupt Interface
Each time-out event can be used to trigger an interrupt service request. For each timer channel, an
individual bit PINTE in the PIT interrupt enable (PITINTE) register exists to enable this feature. If PINTE
Bus Clock
02
1
0
8-Bit Micro
2
1
0
2
1
0
2
1
2
1
0
PITCNT Register
0001
0000
00
0001
0000
8-Bit Force Load
2
1
0
2
1
0
PTF Flag1
PITTRIG
16-Bit Force Load
0001
0000
0001
2
Time-Out Period
Time-Out Period
After Restart
Timer Counter
Note 1. The PTF flag clearing depends on the software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com