Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 574 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 574 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 570Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 571Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 572Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 573Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 574Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 575Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 576Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 577Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 578Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 574 / 1350 page
background image
Chapter 15 Background Debug Module (S12XBDMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
574
Freescale Semiconductor
15.3.2.1
BDM Status Register (BDMSTS)
Figure 15-3. BDM Status Register (BDMSTS)
Read: All modes through BDM operation when not secured
Write: All modes through BDM operation when not secured, but subject to the following:
— ENBDM should only be set via a BDM hardware command if the BDM firmware commands
are needed. (This does not apply in special single chip and emulation modes).
— BDMACT can only be set by BDM hardware upon entry into BDM. It can only be cleared by
the standard BDM firmware lookup table upon exit from BDM active mode.
— CLKSW can only be written via BDM hardware WRITE_BD commands.
— All other bits, while writable via BDM hardware or standard BDM firmware write commands,
should only be altered by the BDM hardware or standard firmware lookup table as part of BDM
command execution.
Register Global Address 0x7FFF01
7
6
54
3
2
1
0
R
ENBDM
BDMACT
0SDV
TRACE
CLKSW
UNSEC
0
W
Reset
Special Single-Chip Mode
01
1 ENBDM is read as 1 by a debugging environment in special single chip mode when the device is not secured or secured but
fully erased (Flash and EEPROM). This is because the ENBDM bit is set by the standard firmware before a BDM command
can be fully transmitted and executed.
1
00
0
0
03
3 UNSEC is read as 1 by a debugging environment in special single chip mode when the device is secured and fully erased,
else it is 0 and can only be read if not secure (see also bit description).
0
Emulation Modes
1
0
00
0
12
2 CLKSW is read as 1 by a debugging environment in emulation modes when the device is not secured and read as 0 when
secured.
0
0
All Other Modes
0
0
00
0
0
0
0
= Unimplemented, Reserved
= Implemented (do not alter)
0
= Always read zero
Table 15-2. BDMSTS Field Descriptions
Field
Description
7
ENBDM
Enable BDM — This bit controls whether the BDM is enabled or disabled. When enabled, BDM can be made
active to allow firmware commands to be executed. When disabled, BDM cannot be made active but BDM
hardware commands are still allowed.
0 BDM disabled
1 BDM enabled
Note: ENBDM is set by the firmware out of reset in special single chip mode and by hardware in emulation
modes. In special single chip mode with the device secured, this bit will not be set by the firmware until
after the EEPROM and Flash erase verify tests are complete. In emulation modes with the device
secured, the BDM operations are blocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com