Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 577 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 577 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 573Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 574Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 575Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 576Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 577Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 578Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 579Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 580Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 581Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 577 / 1350 page
background image
Chapter 15 Background Debug Module (S12XBDMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
577
15.3.2.3
BDM CCR HIGH Holding Register (BDMCCRH)
Figure 15-5. BDM CCR HIGH Holding Register (BDMCCRH)
Read: All modes through BDM operation when not secured
Write: All modes through BDM operation when not secured
When entering background debug mode, the BDM CCR HIGH holding register is used to save the high
byte of the condition code register of the user’s program. The BDM CCR HIGH holding register can be
written to modify the CCR value.
15.3.2.4
BDM Global Page Index Register (BDMGPR)
Figure 15-6. BDM Global Page Register (BDMGPR)
Read: All modes through BDM operation when not secured
Write: All modes through BDM operation when not secured
15.3.3
Family ID Assignment
The family ID is a 8-bit value located in the firmware ROM (at global address: 0x7FFF0F). The read-only
value is a unique family ID which is 0xC1 for S12X devices.
Register Global Address 0x7FFF07
7
6
5
4
3
2
1
0
R
0
0
0
0
0
CCR10
CCR9
CCR8
W
Reset
0
0
0
0
0
0
0
0
= Unimplemented or Reserved
Register Global Address 0x7FFF08
7
6
5
4
3
2
1
0
R
BGAE
BGP6
BGP5
BGP4
BGP3
BGP2
BGP1
BGP0
W
Reset
0
0
0
0
0
0
0
0
Table 15-4. BDMGPR Field Descriptions
Field
Description
7
BGAE
BDM Global Page Access Enable Bit — BGAE enables global page access for BDM hardware and firmware
read/write instructions The BDM hardware commands used to access the BDM registers (READ_BD_ and
WRITE_BD_) can not be used for global accesses even if the BGAE bit is set.
0 BDM Global Access disabled
1 BDM Global Access enabled
6–0
BGP[6:0]
BDM Global Page Index Bits 6–0 — These bits define the extended address bits from 22 to 16. For more
detailed information regarding the global page window scheme, please refer to the S12X_MMC Block Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com