Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 619 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 619 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 615Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 616Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 617Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 618Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 619Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 620Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 621Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 622Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 623Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 619 / 1350 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
619
17.3.2.2
Mode Register (MODE)
Read: Anytime. In emulation modes read operations will return the data read from the external bus. In all
other modes the data are read from this register.
Write: Only if a transition is allowed (see Figure 1-5). In emulation modes write operations will be also
directed to the external bus.
The MODE bits of the MODE register are used to establish the MCU operating mode.
CAUTION
XGATE write access to this register during an CPU access which makes use
of this register could lead to unexpected results.
Address: 0x000B PRR
76543210
R
MODC
MODB
MODA
00000
W
Reset
MODC1
MODB1
MODA1
00000
1. External signal (see Table 1-2).
= Unimplemented or Reserved
Figure 17-4. Mode Register (MODE)
Table 17-6. MODE Field Descriptions
Field
Description
7–5
MODC,
MODB,
MODA
Mode Select Bits — These bits control the current operating mode during RESET high (inactive). The external
mode pins MODC, MODB, and MODA determine the operating mode during RESET low (active). The state of
the pins is latched into the respective register bits after the RESET signal goes inactive (see Figure 1-5).
Write restrictions exist to disallow transitions between certain modes. Figure 1-5 illustrates all allowed mode
changes. Attempting non authorized transitions will not change the MODE bits, but it will block further writes to
these register bits except in special modes.
Both transitions from normal single-chip mode to normal expanded mode and from emulation single-chip to
emulation expanded mode are only executed by writing a value of 0b101 (write once). Writing any other value
will not change the MODE bits, but will block further writes to these register bits.
Changes of operating modes are not allowed when the device is secured, but it will block further writes to these
register bits except in special modes.
In emulation modes reading this address returns data from the external bus which has to be driven by the
emulator. It is therefore responsibility of the emulator hardware to provide the expected value (i.e. a value
corresponding to normal single chip mode while the device is in emulation single-chip mode or a value
corresponding to normal expanded mode while the device is in emulation expanded mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com