Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 621 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 621 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 617Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 618Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 619Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 620Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 621Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 622Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 623Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 624Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 625Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 621 / 1350 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
621
17.3.2.3
Global Page Index Register (GPAGE)
Read: Anytime
Write: Anytime
The global page index register is used only when the CPU is executing a global instruction (GLDAA,
GLDAB, GLDD, GLDS, GLDX, GLDY,GSTAA, GSTAB, GSTD, GSTS, GSTX, GSTY) (see CPU Block
Guide). The generated global address is the result of concatenation of the CPU local address [15:0] with
the GPAGE register [22:16] (see Figure 1-7).
CAUTION
XGATE write access to this register during an CPU access which makes use
of this register could lead to unexpected results.
Figure 17-7. GPAGE Address Mapping
Example 17-1. This example demonstrates usage of the GPAGE register
LDAADR
EQU $5000
;Initialize LDADDR to the value of $5000
MOVB
#$14, GPAGE
;Initialize GPAGE register with the value of $14
GLDAA
>LDAADR
;Load Accu A from the global address $14_5000
Address: 0x0010
76543210
R0
GP6
GP5
GP4
GP3
GP2
GP1
GP0
W
Reset
00000000
= Unimplemented or Reserved
Figure 17-6. Global Page Index Register (GPAGE)
Table 17-7. GPAGE Field Descriptions
Field
Description
6–0
GP[6:0]
Global Page Index Bits 6–0 — These page index bits are used to select which of the 128 64-kilobyte pages is
to be accessed.
Bit16
Bit 0
Bit15
Bit22
CPU Address [15:0]
GPAGE Register [6:0]
Global Address [22:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com