Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 668 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 668 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 664Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 665Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 666Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 667Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 668Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 669Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 670Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 671Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 672Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 668 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
668
Freescale Semiconductor
The fixed 16K page from 0x4000–0x7FFF (when ROMHM = 0) is the page number 0xFD.
The reset value of 0xFE ensures that there is linear Flash space available between addresses 0x4000 and
0xFFFF out of reset.
The fixed 16K page from 0xC000-0xFFFF is the page number 0xFF.
18.3.2.9
RAM Write Protection Control Register (RAMWPC)
Read: Anytime
Write: Anytime
Table 18-14. PPAGE Field Descriptions
Field
Description
7–0
PIX[7:0]
Program Page Index Bits 7–0 — These page index bits are used to select which of the 256 FLASH or ROM
array pages is to be accessed in the Program Page Window.
Address: 0x011C
76543210
Reset
00000000
= Unimplemented or Reserved
Figure 18-17. RAM Write Protection Control Register (RAMWPC)
Table 18-15. RAMWPC Field Descriptions
Field
Description
0
RWPE
RAM Write Protection Enable — This bit enables the RAM write protection mechanism. When the RWPE bit
is cleared, there is no write protection and any memory location is writable by the CPU module and the XGATE
module. When the RWPE bit is set the write protection mechanism is enabled and write access of the CPU or
to the XGATE RAM region. Write access performed by the XGATE module to outside of the XGATE RAM region
or the shared region is suppressed as well in this case.
0 RAM write protection check is disabled, region boundary registers can be written.
1 RAM write protection check is enabled, region boundary registers cannot be written.
1
AVIE
CPU Access Violation Interrupt Enable — This bit enables the Access Violation Interrupt. If AVIE is set and
AVIF is set, an interrupt is generated.
0 CPU Access Violation Interrupt Disabled.
1 CPU Access Violation Interrupt Enabled.
0
AVIF
CPU Access Violation Interrupt Flag — When set, this bit indicates that the CPU has tried to write a memory
location inside the XGATE RAM region. This flag can be reset by writing ’1’ to the AVIF bit location.
0 No access violation by the CPU was detected.
1 Access violation by the CPU was detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com