Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 665 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 665 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 661Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 662Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 663Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 664Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 665Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 666Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 667Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 668Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 669Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 665 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
665
Figure 18-12. RPAGE Address Mapping
NOTE
Because RAM page 0 has the same global address as the register space, it is
possible to write to registers through the RAM space when RPAGE = 0x00.
The reset value of 0xFD ensures that there is a linear RAM space available between addresses 0x1000 and
0x3FFF out of reset.
The fixed 4K page from 0x2000–0x2FFF of RAM is equivalent to page 254 (page number 0xFE).
The fixed 4K page from 0x3000–0x3FFF of RAM is equivalent to page 255 (page number 0xFF).
Table 18-12. RPAGE Field Descriptions
Field
Description
7–0
RP[7:0]
RAM Page Index Bits 7–0 — These page index bits are used to select which of the 256 RAM array pages is to
be accessed in the RAM Page Window.
Bit18
Bit0
Bit11
0
Address [11:0]
RPAGE Register [7:0]
Global Address [22:0]
Bit12
Bit19
0
Address: CPU Local Address
or BDM Local Address
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com