Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 662 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 662 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 658Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 659Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 660Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 661Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 662Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 663Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 664Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 665Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 666Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 662 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
662
Freescale Semiconductor
18.3.2.4
Direct Page Register (DIRECT)
Read: Anytime
Write: anytime in special modes, one time only in other modes.
This register determines the position of the 256 Byte direct page within the memory map.It is valid for both
global and local mapping scheme.
CAUTION
XGATE write access to this register during an CPU access which makes use
of this register could lead to unexpected results.
Figure 18-9. DIRECT Address Mapping
Bits [22:16] of the global address will be formed by the GPAGE[6:0] bits in case the CPU executes a global
instruction in direct addressing mode or by the appropriate local address to the global address expansion
(refer to Section 18.4.2.1.1, “Expansion of the Local Address Map).
Example 18-2. This example demonstrates usage of the Direct Addressing Mode
MOVB
#0x80,DIRECT
;Set DIRECT register to 0x80. Write once only.
;Global data accesses to the range 0xXX_80XX can be direct.
;Logical data accesses to the range 0x80XX are direct.
LDY
<00
;Load the Y index register from 0x8000 (direct access).
;< operator forces direct access on some assemblers but in
;many cases assemblers are “direct page aware” and can
Address: 0x0011
76543210
R
DP15
DP14
DP13
DP12
DP11
DP10
DP9
DP8
W
Reset
00000000
Figure 18-8. Direct Register (DIRECT)
Table 18-9. DIRECT Field Descriptions
Field
Description
7–0
DP[15:8]
Direct Page Index Bits 15–8 — These bits are used by the CPU when performing accesses using the direct
addressing mode. The bits from this register form bits [15:8] of the address (see Figure 18-9).
Bit15
Bit0
Bit7
Bit22
CPU Address [15:0]
Global Address [22:0]
Bit8
Bit16
DP [15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com