Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 663 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 663 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 659Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 660Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 661Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 662Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 663Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 664Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 665Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 666Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 667Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 663 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
663
;automatically select direct mode.
18.3.2.5
MMC Control Register (MMCCTL1)
Read: Anytime. In emulation modes read operations will return the data from the external bus. In all other
modes the data are read from this register.Write: Refer to each bit description. In emulation modes write
operations will also be directed to the external bus.
CAUTION
XGATE write access to this register during an CPU access which makes use
of this register could lead to unexpected results.
EROMON and ROMON control the visibility of the Flash in the memory map for CPU or BDM (not for
XGATE). Both local and global memory maps are affected.
Address: 0x0013 PRR
76543210
R
00000
EROMON
ROMHM
ROMON
W
Reset
00000
EROMCTL
0
ROMCTL
= Unimplemented or Reserved
Figure 18-10. MMC Control Register (MMCCTL1)
Table 18-10. MMCCTL1 Field Descriptions
Field
Description
2
EROMON
Enables emulated Flash or ROM memory in the memory map
Write: Never
This bit is used in some modes to define the placement of the Emulated Flash or ROM (Refer to Table 18-11)
0 Disables the emulated Flash or ROM in the memory map.
1 Enables the emulated Flash or ROM in the memory map.
1
ROMHM
FLASH or ROM only in higher Half of Memory Map
Write: Once in normal and emulation modes and anytime in special modes
0 The fixed page of Flash or ROM can be accessed in the lower half of the memory map. Accesses to
0x4000–0x7FFF will be mapped to 0x7F_4000-0x7F_7FFF in the global memory space.
1 Disables access to the Flash or ROM in the lower half of the memory map.These physical locations of the
Flash or ROM can still be accessed through the program page window. Accesses to 0x4000–0x7FFF will be
mapped to 0x14_4000-0x14_7FFF in the global memory space (external access).
0
ROMON
Enable FLASH or ROM in the memory map
Write: Once in normal and emulation modes and anytime in special modes.
This bit is used in some modes to define the placement of the ROM (Refer to Table 18-11)
0 Disables the Flash or ROM from the memory map.
1 Enables the Flash or ROM in the memory map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com