Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 693 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 693 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 689Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 690Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 691Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 692Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 693Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 694Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 695Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 696Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 697Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 693 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
693
Chapter 19
Debug (S12XDBGV2)
19.1
Introduction
The DBG module provides an on-chip trace buffer with flexible triggering capability to allow non-intrusive
debug of application software. The DBG module is optimized for the HCS12X 16-bit architecture and
allows debugging of both CPU and XGATE module operations.
Typically the DBG module is used in conjunction with the BDM module, whereby the user configures the
DBG module for a debugging session over the BDM interface. Once configured the DBG module is armed
and the device leaves BDM mode returning control to the user program, which is then monitored by the
DBG module. Alternatively, the DBG module can be configured over a serial interface using SWI routines.
Comparators monitor the bus activity of the CPU and XGATE modules. When a match occurs, the control
logic can trigger the state sequencer to a new state or tag an opcode. A tag hit, which occurs when the
tagged opcode reaches the execution stage of the instruction queue, can also cause a state transition.
On a transition to the final state, bus tracing is triggered and/or a breakpoint can be generated. Independent
of comparator matches, a transition to final state with associated tracing and breakpoint can be triggered
by the external TAGHI and TAGLO signals. This is done by an XGATE module S/W breakpoint request
or by writing to the TRIG control bit.
The trace buffer is visible through a 2-byte window in the register address map and can be read out using
standard 16-bit word reads. Tracing is disabled when the MCU system is secured.
19.1.1
Glossary of Terms
COF: Change Of Flow. Change in the program flow due to a conditional branch, indexed jump or interrupt.
BDM : Background Debug Mode
DUG: Device User Guide, describing the features of the device into which the DBG is integrated.
WORD: 16 bit data entity
Data Line : 64 bit data entity
XGATE : S12X family programmable Direct Memory Access Module
CPU : S12X_CPU module
Tag : Tags can be attached to XGATE or CPU opcodes as they enter the instruction pipe. If the tagged
opcode reaches the execution stage a tag hit occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com