Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 697 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 697 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 693Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 694Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 695Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 696Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 697Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 698Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 699Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 700Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 701Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 697 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
697
19.3
Memory Map and Register Definition
A summary of the registers associated with the DBG sub-block is shown in Figure 19-2. Detailed
descriptions of the registers and bits are given in the subsections that follow.
19.3.1
Register Descriptions
This section consists of the DBG control and trace buffer register descriptions in address order. Each
comparator has a bank of registers that are visible through an 8-byte window between 0x0028 and 0x002F
in the DBG module register address map. When ARM is set in DBGC1, the only bits in the DBG module
registers that can be written are ARM, TRIG and COMRV[1:0]
Address
Register
Name
Bit 7
654321
Bit 0
0x0020
DBGC1
R
ARM
0
XGSBPE
BDM
DBGBRK
COMRV
W
TRIG
0x0021
DBGSR
R
TBF
EXTF
0
0
0
SSF2
SSF1
SSF0
W
0x0022
DBGTCR
R
TSOURCE
TRANGE
TRCMOD
TALIGN
W
0x0023
DBGC2
R
0000
CDCM
ABCM
W
0x0024
DBGTBH
R
Bit 15
14
13
12
11
10
9
Bit 8
W
0x0025
DBGTBL
R
Bit 7
654321
Bit 0
W
0x0026
DBGCNT
R
0
CNT
W
0x0027
DBGSCRX
R
0000
SC3
SC2
SC1
SC0
W
0x0028
DBGXCTL1
(COMPA/C)
R0
NDB
TAG
BRK
RW
RWE
SRC
COMPE
W
0x0028
DBGXCTL2
(COMPB/D)
R
SZE
SZ
TAG
BRK
RW
RWE
SRC
COMPE
W
1. This represents the contents if the comparator A or C control register is blended into this address
2. This represents the contents if the comparator B or D control register is blended into this address
= Unimplemented or Reserved
Figure 19-2. DBG Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com