Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 709 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 709 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 705Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 706Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 707Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 708Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 709Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 710Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 711Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 712Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 713Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 709 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
709
19.3.1.11.1
Debug Comparator Control Register (DBGXCTL)
The contents of this register bits 7 and 6 differ depending upon which comparator registers are visible in
the 8-byte window of the DBG module register address map
Read: Anytime
Write: Anytime when DBG not armed.
0x0029
ADDRESS HIGH
Read/Write
0x002A
ADDRESS MEDIUM
Read/Write
0x002B
ADDRESS LOW
Read/Write
0x002C
DATA HIGH COMPARATOR
Read/Write
Comparator A and C only
0x002D
DATA LOW COMPARATOR
Read/Write
Comparator A and C only
0x002E
DATA HIGH MASK
Read/Write
Comparator A and C only
0x002F
DATA LOW MASK
Read/Write
Comparator A and C only
0x0028
76543210
R0
NDB
TAG
BRK
RW
RWE
SRC
COMPE
W
Reset
00000000
Unimplemented or Reserved
Figure 19-13. Debug Comparator Control Register (Comparators A and C)
0x0028
76543210
R
SZE
SZ
TAG
BRK
RW
RWE
SRC
COMPE
W
Reset
00000000
Figure 19-14. Debug Comparator Control Register (Comparators B and D)
Table 19-27. DBGXCTL Field Descriptions
Field
Description
7
(COMPB/D)
SZE
Size Comparator Enable Bit — The SZE bit controls whether access size comparison is enabled for the
associated comparator. This bit is ignored if the TAG bit in the same register is set.
0 Word/Byte access size is not used in comparison
1 Word/Byte access size is used in comparison
6
(COMPA/C)
NDB
Not Data Bus Compare — The NDB bit controls whether the match occurs when the data bus matches the
comparator register value or when the data bus differs from the register value. Furthermore database bits can
be individually masked using the comparator data mask registers. This bit is only available for comparators A
and C. This bit is ignored if the TAG bit in the same register is set. This bit position has an SZ functionality for
comparators B and D.
0 Match on data bus equivalence to comparator register contents
1 Match on data bus difference to comparator register contents
Table 19-26. Comparator Register Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com