Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 711 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 711 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 707Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 708Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 709Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 710Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 711Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 712Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 713Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 714Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 715Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 711 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
711
19.3.1.11.2
Debug Comparator Address High Register (DBGXAH)
Read: Anytime
Write: Anytime when DBG not armed.
19.3.1.11.3
Debug Comparator Address Mid Register (DBGXAM)
Read: Anytime
Write: Anytime when DBG not armed.
0x0029
76543210
R0
Bit 22
21
20
19
18
17
Bit 16
W
Reset
00000000
Unimplemented or Reserved
Figure 19-15. Debug Comparator Address High Register (DBGXAH)
Table 19-29. DBGXAH Field Descriptions
Field
Description
6–0
Bits [22:16]
Comparator Address High Compare Bits — The comparator address high compare bits control whether the
selected comparator will compare the address bus bits [22:16] to a logic 1 or logic 0. This register byte is ignored
for XGATE compares.
0 Compare corresponding address bit to a logic 0
1 Compare corresponding address bit to a logic 1
0x002A
76543210
R
Bit 15
14
13
12
11
10
9
Bit 8
W
Reset
00000000
Figure 19-16. Debug Comparator Address Mid Register (DBGXAM)
Table 19-30. DBGXAM Field Descriptions
Field
Description
7–0
Bits [15:8]
Comparator Address Mid Compare Bits — The comparator address mid compare bits control whether the
selected comparator will compare the address bus bits [15:8] to a logic 1 or logic 0.
0 Compare corresponding address bit to a logic 0
1 Compare corresponding address bit to a logic 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com