Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 714 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 714 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 710Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 711Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 712Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 713Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 714Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 715Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 716Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 717Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 718Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 714 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
714
Freescale Semiconductor
19.3.1.11.8
Debug Comparator Data Low Mask Register (DBGXDLM)
Read: Anytime
Write: Anytime when DBG not armed.
19.4
Functional Description
This section provides a complete functional description of the DBG module. If the part is in secure mode,
the DBG module can generate breakpoints but tracing is not possible.
19.4.1
DBG Operation
Arming the DBG module by setting ARM in DBGC1 allows triggering, and storing of data in the trace
buffer and can be used to cause breakpoints to the CPU or the XGATE module. The DBG module is made
up of 4 main blocks, the comparators, control logic, the state sequencer and the trace buffer.
The comparators monitor the bus activity of the CPU and XGATE modules. Comparators can be
configured to monitor address and databus. Comparators can also be configured to mask out individual
data bus bits during a compare and to use R/W and word/byte access qualification in the comparison. When
a match with a comparator register value occurs the associated control logic can trigger the state sequencer
to another state (Figure 19-23). Either forced or tagged triggers are possible. Using a forced trigger, the
trigger is generated immediately on a comparator match. Using a tagged trigger, at a comparator match,
the instruction opcode is tagged and only if the instruction reaches the execution stage of the instruction
queue is a trigger generated. In the case of a transition to final state, bus tracing is triggered and/or a
breakpoint can be generated. Tracing of both CPU and/or XGATE bus activity is possible.
Independent of the state sequencer, a breakpoint can be triggered by the external TAGHI / TAGLO signals,
by an XGATE S/W breakpoint request or by writing to the TRIG bit in the DBGC1 control register.
The trace buffer is visible through a 2-byte window in the register address map and can be read out using
standard 16-bit word reads.
0x002F
76543210
R
Bit 7
6
5
4
3
2
1
Bit 0
W
Reset
00000000
Figure 19-21. Debug Comparator Data Low Mask Register (DBGXDLM)
Table 19-35. DBGXDLM Field Descriptions
Field
Description
7–0
Bits [7:0]
Comparator Data Low Mask Bits — The comparator data low mask bits control whether the selected
comparator compares the data bus bits [7:0] to the corresponding comparator data compare bits. This register
is available only for comparators A and C.
0 Do not compare corresponding data bit
1 Compare corresponding data bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com