Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 747 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 747 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 743Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 744Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 745Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 746Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 747Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 748Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 749Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 750Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 751Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 747 / 1350 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
747
During BDM hardware accesses and whilst the BDM module is active, S12XCPU monitoring is disabled.
Thus breakpoints, comparators, and bus tracing mapped to the S12XCPU are disabled but XGATE bus
monitoring accessing the S12XDBG registers, including comparator registers, is still possible. While in
active BDM or during hardware BDM accesses, XGATE activity can still be compared, traced and can be
used to generate a breakpoint to the XGATE module. When the S12XCPU enters active BDM Mode
through a BACKGROUND command, with the S12XDBG module armed, the S12XDBG remains armed.
The S12XDBG module tracing is disabled if the MCU is secure. However, breakpoints can still be
generated if the MCU is secure.
20.1.5
Block Diagram
Figure 20-1. Debug Module Block Diagram
20.2
External Signal Description
The S12XDBG sub-module features two external tag input signals. See Device User Guide (DUG) for the
mapping of these signals to device pins. These tag pins may be used for the external tagging in emulation
modes only.
Table 20-1. Mode Dependent Restriction Summary
BDM
Enable
BDM
Active
MCU
Secure
Comparator
Matches Enabled
Breakpoints
Possible
Tagging
Possible
Tracing
Possible
x
x
1
Yes
Yes
Yes
No
0
0
0
Yes
Only SWI
Yes
Yes
0
1
0
Active BDM not possible when not enabled
1
0
0
Yes
Yes
Yes
Yes
1
1
0
XGATE only
XGATE only
XGATE only
XGATE only
S12XCPU BUS
TRACE BUFFER
TRIGGER
EXTERNAL TAGHI / TAGLO
MATCH0
STATE
XGATE BUS
COMPARATOR B
COMPARATOR C
COMPARATOR D
COMPARATOR A
STATE SEQUENCER
MATCH1
MATCH2
MATCH3
TRACE
READ TRACE DATA (DBG READ DATA BUS)
CONTROL
SECURE
BREAKPOINT REQUESTS
XGATE S/W BREAKPOINT REQUEST
TRIGGER
TAG &
TRIGGER
CONTROL
LOGIC
TAGS
TAGHITS
STATE
S12XCPU & XGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com