Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 749 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 749 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 745Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 746Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 747Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 748Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 749Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 750Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 751Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 752Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 753Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 749 / 1350 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
749
20.3.2
Register Descriptions
This section consists of the S12XDBG control and trace buffer register descriptions in address order. Each
comparator has a bank of registers that are visible through an 8-byte window between 0x0028 and 0x002F
in the S12XDBG module register address map. When ARM is set in DBGC1, the only bits in the
S12XDBG module registers that can be written are ARM, TRIG, and COMRV[1:0]
20.3.2.1
Debug Control Register 1 (DBGC1)
Read: Anytime
Write: Bits 7, 1, 0 anytime, bit 6 can be written anytime but always reads back as 0.
Bits 5:2 anytime S12XDBG is not armed.
NOTE
When disarming the S12XDBG by clearing ARM with software, the
contents of bits[5:2] are not affected by the write, since up until the write
operation, ARM = 1 preventing these bits from being written. These bits
must be cleared using a second write if required.
0x002A
DBGXAM
R
Bit 15
14
13
12
11
10
9
Bit 8
W
0x002B
DBGXAL
R
Bit 7
6
5
4321
Bit 0
W
0x002C
DBGXDH
R
Bit 15
14
13
12
11
10
9
Bit 8
W
0x002D
DBGXDL
R
Bit 7
6
5
4321
Bit 0
W
0x002E
DBGXDHM
R
Bit 15
14
13
12
11
10
9
Bit 8
W
0x002F
DBGXDLM
R
Bit 7
6
5
4321
Bit 0
W
1 This represents the contents if the Comparator A or C control register is blended into this address.
2 This represents the contents if the Comparator B or D control register is blended into this address
Address: 0x0020
76543210
R
ARM
0
XGSBPE
BDM
DBGBRK
COMRV
W
TRIG
Reset
00000000
Figure 20-3. Debug Control Register (DBGC1)
Address
Name
Bit 7
6
5
4321
Bit 0
Figure 20-2. Quick Reference to S12XDBG Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com