Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 779 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 779 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 775Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 776Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 777Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 778Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 779Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 780Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 781Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 782Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 783Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 779 / 1350 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
779
20.4.5.3.1
Information Byte Organization
The format of the control information byte for both S12XCPU and XGATE modules is dependent upon
the active trace mode and tracing source as described below. In Normal, Loop1, or Pure PC modes tracing
of XGATE activity, XINF is used to store control information. In Normal, Loop1, or Pure PC modes
tracing of S12XCPU activity, CINF is used to store control information. In Detail Mode, CXINF contains
the control information
XGATE Information Byte
X12X_CPU Information Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XSD
XSOT
XCOT
XDV
0
0
0
0
Figure 20-24. XGATE Information Byte XINF
Table 20-40. XINF Field Descriptions
Field
Description
7
XSD
Source Destination Indicator — This bit indicates if the corresponding stored address is a source or destination
address. This is only used in Normal and Loop1 mode tracing.
0 Source Address
1 Destination Address or Start of Thread or Continuation of Thread
6
XSOT
Source Of Thread Indicator — This bit indicates that the corresponding stored address is a start of thread
address. This is only used in Normal and Loop1 mode tracing.
NOTE. This bit only has effect on devices where the XGATE module supports multiple interrupt levels.
0 Stored address not from a start of thread
1 Stored address from a start of thread
5
XCOT
Continuation Of Thread Indicator — This bit indicates that the corresponding stored address is the first
address following a return from a higher priority thread. This is only used in Normal and Loop1 mode tracing.
NOTE. This bit only has effect on devices where the XGATE module supports multiple interrupt levels.
0 Stored address not from a continuation of thread
1 Stored address from a continuation of thread
4
XDV
Data Invalid Indicator — This bit indicates if the trace buffer entry is invalid. It is only used when tracing from
both sources in Normal, Loop1 and Pure PC modes, to indicate that the XGATE trace buffer entry is valid.
0 Trace buffer entry is invalid
1 Trace buffer entry is valid
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CSD
CVA
0
CDV
0
0
0
0
Figure 20-25. S12XCPU Information Byte CINF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com