Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 783 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 783 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 779Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 780Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 781Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 782Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 783Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 784Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 785Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 786Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 787Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 783 / 1350 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
783
20.4.6.1
External Tagging using TAGHI and TAGLO
External tagging using the external TAGHI and TAGLO pins can only be used to tag S12XCPU opcodes;
tagging of XGATE code using these pins is not possible. An external tag triggers the state sequencer into
state0 when the tagged opcode reaches the execution stage of the instruction queue.
The pins operate independently, thus the state of one pin does not affect the function of the other. External
tagging is possible in emulation modes only. The presence of logic level 0 on either pin at the rising edge
of the external clock (ECLK) performs the function indicated in the Table 20-43. It is possible to tag both
bytes of an instruction word. If a taghit occurs, a breakpoint can be generated as defined by the DBGBRK
and BDM bits in DBGC1. Each time TAGHI or TAGLO are low on the rising edge of ECLK, the old tag
is replaced by a new one.
20.4.6.2
Unconditional Tagging Function
In emulation modes a low assertion of PE5/TAGLO/MODA in the 7th or 8th bus cycle after reset enables
the unconditional tagging function, allowing immediate tagging via TAGHI/TAGLO with breakpoint to
BDM independent of the ARM, BDM and DBGBRK bits. Conversely these bits are not affected by
unconditional tagging. The unconditional tagging function remains enabled until the next reset. This
function allows an immediate entry to BDM in emulation modes before user code execution. The TAGLO
assertion must be in the 7th or 8th bus cycle following the end of reset, whereby the prior RESET pin
assertion lasts the full 192 bus cycles.
20.4.7
Breakpoints
There are several ways to generate breakpoints to the XGATE and S12XCPU modules
•
Through XGATE software breakpoint requests.
•
From comparator channel triggers to final state.
•
Using software to write to the TRIG bit in the DBGC1 register.
•
From taghits generated using the external TAGHI and TAGLO pins.
•
Through the auxilliary forced breakpoint input.
20.4.7.1
XGATE Software Breakpoints
The XGATE software breakpoint instruction BRK can request an S12XCPU breakpoint, via the
S12XDBG module. In this case, if the XGSBPE bit is set, the S12XDBG module immediately generates
a forced breakpoint request to the S12XCPU, the state sequencer is returned to state0 and tracing, if active,
is terminated. If configured for BEGIN trigger and tracing has not yet been triggered from another source,
the trace buffer contains no information. Breakpoint requests from the XGATE module do not depend
Table 20-43. Tag Pin Function
TAGHI
TAGLO
Tag
1
1
No tag
1
0
Low byte
0
1
High byte
0
0
Both bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com