Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 190 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 190 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 186Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 187Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 188Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 189Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 190Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 191Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 192Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 193Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 194Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
190
Freescale Semiconductor
11
XGFACTM
XGFACT Mask — This bit controls the write access to the XGFACT bit. The XGFACT bit can only be set or
cleared if a "1" is written to the XGFACTM bit in the same register access.
Read:
This bit will always read "0".
Write:
0 Disable write access to the XGFACT in the same bus cycle
1 Enable write access to the XGFACT in the same bus cycle
9
XGSWEIFM
XGSWEIF Mask — This bit controls the write access to the XGSWEIF bit. The XGSWEIF bit can only be cleared
if a "1" is written to the XGSWEIFM bit in the same register access.
Read:
This bit will always read "0".
Write:
0 Disable write access to the XGSWEIF in the same bus cycle
1 Enable write access to the XGSWEIF in the same bus cycle
8
XGIEM
XGIE Mask — This bit controls the write access to the XGIE bit. The XGIE bit can only be set or cleared if a "1"
is written to the XGIEM bit in the same register access.
Read:
This bit will always read "0".
Write:
0 Disable write access to the XGIE in the same bus cycle
1 Enable write access to the XGIE in the same bus cycle
7
XGE
XGATE Module Enable — This bit enables the XGATE module. If the XGATE module is disabled, pending
XGATE requests will be ignored. The thread that is executed by the RISC core while the XGE bit is cleared will
continue to run.
Read:
0 XGATE module is disabled
1 XGATE module is enabled
Write:
0 Disable XGATE module
1 Enable XGATE module
6
XGFRZ
Halt XGATE in Freeze Mode — The XGFRZ bit controls the XGATE operation in Freeze Mode (BDM active).
Read:
0 RISC core operates normally in Freeze (BDM active)
1 RISC core stops in Freeze Mode (BDM active)
Write:
0 Don’t stop RISC core in Freeze Mode (BDM active)
1 Stop RISC core in Freeze Mode (BDM active)
5
XGDBG
XGATE Debug Mode — This bit indicates that the XGATE is in Debug Mode (see Section 6.6, “Debug Mode”).
Debug Mode can be entered by Software Breakpoints (BRK instruction), Tagged or Forced Breakpoints (see
S12X_DBG Section), or by writing a "1" to this bit.
Read:
0 RISC core is not in Debug Mode
1 RISC core is in Debug Mode
Write:
0 Leave Debug Mode
1 Enter Debug Mode
Note: Freeze Mode and Software Error Interrupts have no effect on the XGDBG bit.
Table 6-1. XGMCTL Field Descriptions (Sheet 2 of 3)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com