Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 193 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 193 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 189Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 190Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 191Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 192Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 193Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 194Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 195Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 196Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 197Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
193
6.3.1.4
XGATE Channel Interrupt Flag Vector (XGIF)
The interrupt flag vector (Figure 6-6) provides access to the interrupt flags bits of each channel. Each flag
may be cleared by writing a "1" to its bit location.
Read: Anytime
Write: Anytime
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
R
0000000
XGIF_78
XGF_77
XGIF_76
XGIF_75
XGIF_74
XGIF_73
XGIF_72
XGIF_71
XGIF_70
W
Reset
0
0
0
0000000000000
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
R
XGIF_6F XGIF_6E XGIF_6D XGIF_6C XGIF_6B XGIF_6A XGIF_69
XGIF_68
XGF_67
XGIF_66
XGIF_65
XGIF_64
XGIF_63
XGIF_62
XGIF_61
XGIF_60
W
Reset
0
0
0
0000000000000
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
R
XGIF_5F XGIF_5E XGIF_5D XGIF_5C XGIF_5B XGIF_5A XGIF_59
XGIF_58
XGF_57
XGIF_56
XGIF_55
XGIF_54
XGIF_53
XGIF_52
XGIF_51
XGIF_50
W
Reset
0
0
0
0000000000000
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
R
XGIF_4F XGIF_4E XGIF_4D XGIF_4C XGIF_4B XGIF_4A XGIF_49
XGIF_48
XGF _47
XGIF_46
XGIF_45
XGIF_44
XGIF_43
XGIF_42
XGIF_41
XGIF_40
W
Reset
0
0
0
0000000000000
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
R
XGIF_3F XGIF_3E XGIF_3D XGIF_3C XGIF_3B XGIF_3A XGIF_39
XGIF_38
XGF _37
XGIF_36
XGIF_35
XGIF_34
XGIF_33
XGIF_32
XGIF_31
XGIF_30
W
Reset
0
0
0
0000000000000
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
R
XGIF_2F XGIF_2E XGIF_2D XGIF_2C XGIF_2B XGIF_2A XGIF_29
XGIF_28
XGF _27
XGIF_26
XGIF_25
XGIF_24
XGIF_23
XGIF_22
XGIF_21
XGIF_20
W
Reset
0
0
0
0000000000000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
XGIF_1F XGIF_1E XGIF_1D XGIF_1C XGIF_1B XGIF_1A XGIF_19
XGIF_18
XGF _17
XGIF_16
XGIF_15
XGIF_14
XGIF_13
XGIF_12
XGIF_11
XGIF_10
W
Reset
0
0
0
0000000000000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
XGIF_0F XGIF_0E XGIF_0D XGIF_0C XGIF_0B XGIF_0A XGIF_09
0
0
0
0
0
0
0
0
0
W
Reset
0
0
0
0000000000000
= Unimplemented or Reserved
Figure 6-6. XGATE Channel Interrupt Flag Vector (XGIF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com