Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328-RDC Datasheet(PDF) 7 Page - MUSIC Semiconductors

Part # MU9C8328-RDC
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328-RDC Datasheet(HTML) 7 Page - MUSIC Semiconductors

Back Button MU9C8328-RDC Datasheet HTML 3Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 4Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 5Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 6Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 7Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 9Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 10Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 11Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MU9C8328 Ethernet Interface
Rev. 4a
7
LEARN OP-CODE REGISTER (010)
Bit
Mnemonic
Description
15
DONE
1: Enables an interrupt when both the DA and SA CAM lookup are complete
14
P/R
1: Passes all frames, 0: Rejects all frames (NETEN) must be set to 0 for this option
13
NETEN
1: Enables network filtering, 0: Disables network filtering
12
ERR
1: Enables an interrupt for a frame error caused by loss of carrier or collision
11
FULL
1: Enables an interrupt if the LANCAM is full
10
NODA
1: Enables an interrupt for a no-match on DA
9
NOSA
1: Enables an interrupt for a no-match on SA
8
DA
1: Enables an interrupt for a DA match
7
SA
1: Enables an interrupt for an SA match
6
REJECT
1: Enables an interrupt for a reject
5
DAPON
1: Rejects frame if there is no DA match (positive filtering), 0: Rejects frame if there is
a DA match (negative filtering) (This bit is a “don’t care” if SAEN is 0)
4
SAPON
1: Rejects frame if there is no SA match (positive filtering), 0: Rejects frame if there is
an SA match (negative filtering) (This bit is a “don’t care” if SAEN is 0)
3
DAEN
1: Enables asserting the /REJECT pin after a DA compares, based on bit 5
2
SAEN
1: Enables asserting the /REJECT pin after an SA compares, based on bit 4
1
LEARN
1: Enables auto-learning on no-match of SA
0
ASSOC
1: Enables a read of Associated data after a DA match
CONTROL REGISTER (000)
STATUS REGISTER (001)
Bit
Mnemonic
Description
15–8
Reserved
7
COL
1 = Collision detected
6
LOC
1 = Loss of carrier detected
5
BUSY
1 = Network port is busy using the LANCAM
4
MATCH
1 = A match was found
3
FULL
1 = The LANCAM is full
2
DAM
1 = A Destination Address match was found
1
SAM
1 = A Source Address match was found
0
REJECT
1 = The frame was rejected
Bit
Mnemonic
Description
15–0
Contains the Op-Code to be used for an auto-learn, if enabled. Default is 0334H (MOV
NF, CR, V), but can be overwritten
FUNCTIONAL DESCRIPTION
Contined
Table 2: Register Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com