Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328-RDC Datasheet(PDF) 10 Page - MUSIC Semiconductors

Part # MU9C8328-RDC
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328-RDC Datasheet(HTML) 10 Page - MUSIC Semiconductors

Back Button MU9C8328-RDC Datasheet HTML 6Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 7Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 9Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 10Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 11Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 12Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 13Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 14Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MU9C8328 Ethernet Interface
Rev. 4a
10
5.0 V olts
R1 = 44 6
R2 = 17 4
C1 = 30 pf
(Incl udes jig )
To Dev ice
Un der Test
OPERATING CONDITIONS (voltages referenced to GND at the device pin)
ABSOLUTE MAXIMUM RATINGS
AC TEST CONDITIONS
ELECTRICAL CHARACTERISTICS
CAPACITANCE
SWITCHING TEST FIGURES
Figure 5: AC Test Load A
Figure 6: AC Test Load B
Figure 7: Input Signal Waveform
Supply Voltage
Voltage on all Other Pins
Temperature Under Bias
Storage Temperature
DC Output Current
-0.5 Volts to 7.0 Volts
-0.5 to VCC+0.5 Volts (-2.0 Volts for
10 ns, measured at the 50% point)
-40°C to + 85°C
-55°C to +125°C
20 mA (per Output, one at a time,
one second duration)
Stresses exceeding those listed under Absolute
Maximum Ratings may induce failure. Exposure
to absolute maximum ratings for extended periods
may reduce reliability. Functionality at or above
these conditions is not implied.
All voltages are referenced to GND.
Input Voltage Logic 1
Input Voltage Logic 0
Ambient Operating Temperature
2.0
-0.5
0
Volts
Volts
°C
1
Still Air
VIH
VIL
TA
VCC + 0.5
0.8
70
Parameter
Min
Typical
Units
Notes
Symbol
Max
Operating Supply Voltage
4.75
5.0
Volts
VCC
5.25
Average Power Supply Current
mA
ICC
200
tELEL=tELEL(min)
Output Voltage Logic 0
Volts
VOL
0.4
IOL = 8.0mA
Output Voltage Logic 1
Volts
VOH
IOH = -8.0mA
2.4
Input Leakage Current
µA
IIZ
2
VSS ≤ VIN ≤ VCC
-2
Output Leakage Current
µA
IOZ
10
VSS ≤ VOUT ≤ VCC;
DQN = HIGH Z
-10
Parameter
Min
Typical
Units
Notes
Symbol
Max
Parameter
Max
Notes
Symbol
Units
COUT
CIN
Input Capacitance
Output Capacitance
15
15
pF
pF
f=1MHz, VIN = 0 V.
f=1MHz, VOUT = 0 V.
Input Signal Transitions
Input Signal Rise Time
Input Signal Fall Time
Input Timing Reference Level
Output Timing Reference Level
0.0 to 3.0 Volts
< 3 ns
< 3 ns
1.5 Volts
1.5 Volts
5.0 V olts
R1 = 44 6
R2 = 17 4
C1 = 5 pf
To Dev ice
Un der Test
Input
Waveform
50% Amplitude
Point
10ns
V IL (MIN)
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com