Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328-RDC Datasheet(PDF) 12 Page - MUSIC Semiconductors

Part # MU9C8328-RDC
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328-RDC Datasheet(HTML) 12 Page - MUSIC Semiconductors

Back Button MU9C8328-RDC Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 9Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 10Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 11Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 12Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 13Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 14Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 15Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 16Page - MUSIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MU9C8328 Ethernet Interface
Rev. 4a
12
PROCESSOR INTERFACE WRITE CYCLE
CLOCK TIMING
NOTES
1.
-1.0 Volts for a duration of 10 ns measured at the 50% amplitude points for imput-only lines (Figure 7)
2.
Plus one SERCLK cycle from the first SERCLK HIGH pulse
3.
Before first network data pulse
4.
From the SYSCLK that strobed the last DA or SA segment into the LANCAM
5.
LANCAM Controls include /W, /CM, and /EC
6.
See the LANCAM Handbook for additional information on LANCAM Timing Specs
7.
With load specified in Figure 5
8.
With load specified in Figure 6
SYSCL K
S E RCL K
SENSE
1
2
3
45
7
6
8
10
9
SYSCLK
/CS
/AS
A(2-0)
/W E
D(15- 0)
RE ADY
11
11
14
15
16
19
20
21
22
18
12
12
13
13
17
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com