Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328-RDC Datasheet(PDF) 4 Page - MUSIC Semiconductors

Part # MU9C8328-RDC
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328-RDC Datasheet(HTML) 4 Page - MUSIC Semiconductors

  MU9C8328-RDC Datasheet HTML 1Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 2Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 3Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 4Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 5Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 6Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 7Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 9Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MU9C8328 Ethernet Interface
Rev. 4a
4
PIN DESCRIPTIONS
Continued
/INT (Interrupt, Output, Three-state TTL)
/INT goes LOW to signal the processor that a frame has
been processed, and the results loaded into the Status
register. /INT returns HIGH when the Status register is read.
/RESET (Reset, Input, TTL)
When /RESET is taken LOW, all the internal state
machines are reset to their initial state. Any data stored in
the input address parser is cleared, and the Control, Status,
and Learn Op-Code registers are reset to their default
values. /RESET is synchronous and should be held LOW
for a minimum of two SYSCLK cycles. The user must set
the LANCAM Segment Control register after asserting
/RESET.
LANCAM INTERFACE
DQ(15–0) (CAM Data Bus, I/O, Three-state TTL)
The DQ(15–0) bus communicates 16-bit data or
instructions
between
the
MU9C8328
and
the
LANCAM. When no data is being transmitted by either,
the bus goes HIGH-Z. Internally pulled down with nominal
50K resistor.
/E (Chip Enable, Output, TTL)
The MU9C8328 takes /E LOW to initiate LANCAM
activity by registering the /W, /CM, /EC, and DQ(15–0)
signals into the LANCAM. /E is taken HIGH to register
returning data into the MU9C8328.
/W (Write Gate, Output, TTL)
The MU9C8328 outputs /W to control the direction of
data flow between the MU9C8328 and the LANCAM. If
/W is LOW at the falling edge of /E, the MU9C8328 is
outputting data to the DQ(15–0) bus for the LANCAM to
input. When /W is HIGH at the falling edge of /E, the
LANCAM outputs data to the DQ(15–0) bus for input to
the MU9C8328.
/CM (Data/Command Select, Output, TTL)
The MU9C8328 outputs /CM to control whether
the LANCAM interprets the DQ(15–0) bus as containing
command information or data. If both /CM and /W are
LOW at the falling edge of /E, the MU9C8328 is outputting
an instruction for the LANCAM to execute, or a value for
one of the LANCAM configuration registers. If /CM is
LOW while /W is HIGH, then the LANCAM will be
outputting data from one of its configuration registers to
the MU9C8328. If /CM is HIGH while /W is LOW, the
MU9C8328 is outputting data for the LANCAM to place
in its data registers or memory. If /CM is HIGH while /W
is HIGH, the LANCAM is outputting data from one of its
data registers or memory to the MU9C8328.
/EC (Enable Daisy Chain, Output, TTL)
The MU9C8328 takes /EC LOW to control a daisy chain
of LANCAMs by generating the /MF output from the
LANCAM in the case of a match between the contents of
its Comparand register and its memory. When /EC is LOW,
only the LANCAM containing the match will respond to
write cycles, or output read data. When /EC is HIGH, all
LANCAMs will respond to write cycles.
/MF (Match Flag, Input, TTL)
The LANCAM takes /MF LOW to indicate to the
MU9C8328 that a match was found in its memory with
the contents of its Comparand register. /MF returns HIGH
after the MU9C8328 takes /EC HIGH, or the match
condition is no longer valid. In a daisy chain of
LANCAMs, the /MF signal comes from the /MF output
of the last LANCAM in the string. Internally pulled down
with nominal 50K resistor.
/FF (Full Flag, Input, TTL)
The LANCAM takes /FF LOW to indicate to the
MU9C8328 that the LANCAM has no empty locations
remaining. /FF is taken HIGH when the LANCAM has
one or more locations still empty. In a daisy chain of
LANCAMs, the /FF signal comes from the /FF output pin
of the last LANCAM in the string. Internally pulled down
with nominal 50K resistor.
POWER AND GROUND
VCC, GND (Positive Power Supply, Ground)
The VCC pins must be connected externally to a power
source regulated to 5.0 ± 0.25 volts, and should be
adequately bypassed to the Ground pins through
both high and low frequency capacitors. The Ground pins
should all be connected to a common ground plane.
NTTESTOUT
Reserved - Do not connect.
NTEST_EN
Reserved - Tie low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com