Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328-RDC Datasheet(PDF) 8 Page - MUSIC Semiconductors

Part # MU9C8328-RDC
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328-RDC Datasheet(HTML) 8 Page - MUSIC Semiconductors

Back Button MU9C8328-RDC Datasheet HTML 4Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 5Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 6Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 7Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 9Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 10Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 11Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 12Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MU9C8328 Ethernet Interface
Rev. 4a
8
L ANCAM
M U 9C 8328
A M 79C 940
S RDC LK
SRD
/E AM /R
/E
/E C
/M F
/FF
DQ (15- 0)
/CM
/W
D(15- 0)
RE ADY
/CS
/W E
/RESE T
A(2-0)
S E RCLK
S E RDAT
/REJEC T
/INT
SYSCLK
/AS
TXEN
/NETRD Y
/E
/E C
/M F
/FF
/CM
/W
L ANCAM
M U 9C 8328
D P 8 3932
RX Co
RX Do
/P RE J
/E
/E C
/M F
/FF
DQ (15- 0)
/CM
/W
D(15- 0)
RE ADY
/CS
/W E
/RESE T
A(2-0)
S E RCLK
S E RDAT
/REJEC T
/INT
SYSCLK
/AS
TX E
/NE TRD Y
/E
/E C
/M F
/FF
/CM
/W
Connections
Connection diagrams are shown in Figures 2, 3, and 4 for
National’s SONIC, AMD’s MACE, and Motorola’s
QUICC Ethernet controller chips. Other controller chips
that provide a serial NRZ received data port and clock
can also be used in similar fashions. The /NETRDY line
is provided for controller chips that output data on the
received data line while transmitting. If /NETRDY is
deasserted, the internal network state machine will safely
complete any current activity and then wait until
/NETRDY is asserted again before parsing another frame.
If the controller chip does not output data on the received
data line while transmitting, /NETRDY may be tied to
ground, and the MU9C8328’s valid clock detector will
determine when it is time to start parsing a frame.
Initialization of the LANCAM
Before using, the MUSIC LANCAMs need to be configured
for the number of LANCAMs in a daisy chain and for the
filtering conditions in the Control and Segment Control
registers. Before configuring the LANCAMs, bit 13 in the
MU9C8328 Control register needs to be set to 0, to turn off
network filtering. Table 3 shows the steps for configuring
two LANCAMs in a daisy chain. The routine selects register
05H in the MU9C8328, which sends Command Write cycles
to the LANCAM. The sequence shown resets the LANCAMs,
sets the Page address for both LANCAMs in the daisy chain,
then sets the Control and Segment Control registers. If a
Mask register were needed, then the sequence would be
modified to set the Persistent destination to MR1 or MR2,
use MU9C8328 register 06H to write data into the Mask
register, change the final Control register value to 8050H or
8060H instead of 8040H to invoke MR1 or MR2 during
compares, and then resetting the Persistent destination to
APPLICATIONS
Figure 4: Motorola’s QUICC™ Connection Diagram
Figure 2: AMD’s MACE™ Connection Diagram
Figure 3: National’s SONIC™ Connection Diagram
L ANCAM
M U 9C 8328
/E
/E C
/M F
/FF
DQ (15- 0)
/CM
/W
D(15- 0)
RE ADY
/CS
/W E
/RESE T
A(2-0)
S E RCLK
S E RDAT
/REJEC T
/INT
SYSCLK
/AS
M C 68160
EE ST
M C 68360
QUIC C
RX
RX D
/RR JCT
RCL K
RCL K
RE NA
RE NA
/NE TRD Y
/E
/E C
/M F
/FF
/CM
/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com