Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328-RDC Datasheet(PDF) 16 Page - MUSIC Semiconductors

Part # MU9C8328-RDC
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328-RDC Datasheet(HTML) 16 Page - MUSIC Semiconductors

Back Button MU9C8328-RDC Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 9Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 10Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 11Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 12Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 13Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 14Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 15Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 16Page - MUSIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
MU9C8328 Ethernet Interface
Rev. 4a
16
ORDERING INFORMATION
PART NUMBER
MU9C8328 - RDC
PACKAGE
100-PIN PQFP
TEMPERATURE
0-70° C
VOLTAGE
5.0 ± 0.25
PACKAGE OUTLINE
100-pin
PQFP
3.40
Max
Dim. A Dim. A1 Dim. A2
Dim. b
Dim. D
Dim. D1
Dim. a
Dim. E
Dim. E1
Dim. L
Dim. L1
0.00
0.35
2.80
±0.25
0.22
0.38
23.2
±0.2
20.0
±0.2
0.65
Typ.
17.2
±0.2
14.0
±0.2
0.80
±0.15
1.60
Ref.
Dimensions are in mm.
1
D
D1
e
b
L1
L
E1
E
A
A2
A1
European Headquarters
MUSIC Semiconductors
Torenstraat 28
6471 JX Eygelshoven
Netherlands
Tel: +31 45 5462177
Fax: +31 45 5463663
MUSIC Semiconductors reserves the right to make changes to
its products and specifications at any time in order to improve
on performance, manufacturability, or reliability. Information
furnished by MUSIC is believed to be accurate, but no
responsibility is assumed by MUSIC Semiconductors for the use
of said information, nor for any infringement of patents or of
other third party rights which may result from said use. No
license is granted by implication or otherwise under any patent
or patent rights of any MUSIC company.
©Copyright 1998, MUSIC Semiconductors
MUSIC Semiconductors Agent or Distributor:
USA Headquarters
MUSIC Semiconductors
254 B Mountain Avenue
Hackettstown, New Jersey 07840
USA
Tel: 908/979-1010
Fax: 908/979-1035
USA Only: 800/933-1550 Tech. Support
888/226-6874 Product Info.
Asian Headquarters
MUSIC Semiconductors
Special Export Processing Zone 1
Carmelray Industrial Park
Canlubang, Calamba, Laguna
Philippines
Tel: +63 49 549 1480
Fax: +63 49 549 1023
Sales Tel/Fax: +632 723 62 15
http://www.music-ic.com
email: info@music-ic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com