Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328-RDC Datasheet(PDF) 1 Page - MUSIC Semiconductors

Part # MU9C8328-RDC
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328-RDC Datasheet(HTML) 1 Page - MUSIC Semiconductors

  MU9C8328-RDC Datasheet HTML 1Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 2Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 3Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 4Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 5Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 6Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 7Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 9Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Preliminary Data Sheet
MU9C8328 Ethernet Interface
MUSIC Semiconductors, the MUSIC logo, the phrase “MUSIC Semiconductors”, and LANCAM are registered trademarks of MUSIC
Semiconductors. All other trademarks are registered by their respective owners. MUSIC is a trademark of MUSIC Semiconductors.
11 February 1999 Rev. 4a
Block Diagram
APPLICATION BENEFITS
Ø Single port 10 MHz Ethernet address parsing,
filtering, and learning state machine at wire
speed
Ø Glue-free interface between the MUSIC
LANCAM® Family and AMD, National,
Motorola, or similar Ethernet Controllers
having an NRZ serial data port
Ø Selectable filtering and learning decisions
on DA and SA compares
Ø Supports cascaded MUSIC LANCAM series
for long station lists
Ø Host processor port for LANCAM
initialization and housekeeping activities
Ø Supports system clock rates from 20 MHz to
33 MHz
Ø 100-pin PQFP package
Ø 5 Volt operation
GENERAL DESCRIPTION
The MU9C8328 speeds up bridging operations using
Ethernet controller chips with serial NRZ data outputs,
such as AMD’s MACE™, National’s SONIC™, and
Motorola’s QUICC™ controllers, by parsing the Ethernet
frame independently of the Ethernet controller device, and
notifying it whether to accept or reject the incoming frame.
The MU9C8328 supports both positive and negative
filtering on the Destination address and learning of new
Source addresses, by efficiently controlling the compare
activities of the MUSIC LANCAM Family. Filtering and
learning routines are user configurable. These routines
are automatically invoked by the internal state machine
based on the contents of the incoming frame and the
configuration settings. For aging and other housekeeping
routines, the MU9C8328 provides the proper sequencing
and timing of LANCAM accesses for an external
processor.
The MU9C8328 receives serial NRZ data from the
Ethernet controller chip, finds the Start delimiter, and
loads the DA and SA into registers. The DA is sent to the
LANCAM for filtering and, depending on the filter action
SERD AT
SERC L K
/R EJ E CT
SYSC LK
/R ESET
/C S
/AS
/W E
A(2-0)
D(15-0)
RE ADY
/I NT
3
LA NC AM IN TE R FA CE
NE TW O R K
IN T E RFACE
CO NT RO L
S TAT US
OP -C OD E
STA TE
MA CH IN E
PRO CE S S O R
IN T E RFACE
/N E T RD Y
AS S O C IAT ED D ATA


Similar Part No. - MU9C8328-RDC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C8328A MUSIC-MU9C8328A Datasheet
93Kb / 16P
Ethernet Interface
MU9C8328A-RDC MUSIC-MU9C8328A-RDC Datasheet
93Kb / 16P
Ethernet Interface
MU9C8328A-RDI MUSIC-MU9C8328A-RDI Datasheet
93Kb / 16P
Ethernet Interface
More results

Similar Description - MU9C8328-RDC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68160A MOTOROLA-MC68160A Datasheet
355Kb / 32P
ENHANCED ETHERNET INTERFACE TRANSCEIVER
logo
NXP Semiconductors
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
logo
Level One
LXT908 LVL1-LXT908 Datasheet
2Mb / 32P
Universal Ethernet Interface Adapter
LXT944 LVL1-LXT944 Datasheet
1Mb / 26P
Quad Ethernet Interface Adapter
logo
Intel Corporation
82C501AD INTEL-82C501AD Datasheet
1Mb / 18P
ETHERNET SERIAL INTERFACE
logo
MUSIC Semiconductors
MU9C8328A MUSIC-MU9C8328A Datasheet
93Kb / 16P
Ethernet Interface
logo
Festo Corporation.
8086610 FESTO-8086610 Datasheet
89Kb / 2P
EtherNet/IP interface
logo
M-System Co.,Ltd.
TR3EX MSYSTEM-TR3EX Datasheet
249Kb / 5P
ETHERNET INTERFACE MODULE
logo
Schneider Electric
TCSEQM113M13M SCHNEIDER-TCSEQM113M13M Datasheet
110Kb / 2P
CONNEXIUM TESYSPORT ETHERNET INTERFACE
May 11, 2022
logo
ABB
1SAJ262000R0100 ABB-1SAJ262000R0100 Datasheet
89Kb / 3P
EIU32.0 EtherNet/IP Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com