Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8328-RDC Datasheet(PDF) 3 Page - MUSIC Semiconductors

Part # MU9C8328-RDC
Description  Ethernet Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C8328-RDC Datasheet(HTML) 3 Page - MUSIC Semiconductors

  MU9C8328-RDC Datasheet HTML 1Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 2Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 3Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 4Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 5Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 6Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 7Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 8Page - MUSIC Semiconductors MU9C8328-RDC Datasheet HTML 9Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MU9C8328 Ethernet Interface
Rev. 4a
3
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
GN D
VC C
VC C
SE R C LK
/RE S E T
RE AD Y
/A S
/IN T
/E
/C M
/W
/E C
/M F
/R EJ EC T
S E RD AT
D0
/FF
/C S
/W E
GN D
/N E TR D Y
NTE S T_ E N
NTE S T OU T
/WE (Write Enable, Input, TTL)
/WE determines the direction of data flow into or out of
the MU9C8328’s processor interface. It also determines
the state of /W to the LANCAM when the processor is
accessing the MU9C8328’s internal LANCAM registers.
If /WE is LOW, the data is written into the register selected
by the A(2–0) bus. If /WE is HIGH, then data is read
out of the register selected by the A(2–0) bus.
A(2–0) (Address Bus, Input, TTL)
A(2–0) select the internal register in the MU9C8328
accessed by the host processor as shown in Table 1.
A(2–0) are latched by the falling edge of /AS.
D(15–0) (Data Bus, I/O, Three-state TTL)
D(15–0) is the processor data bus into and out of the
MU9C8328, and is demuxed to the internal registers as
selected by the A(2–0) bus. If the register selected is the
Control, Status or Op-Code register, when /WE is LOW,
D(15–0) is loaded on the second rising edge of SYSCLK
after both /AS and /CS are LOW. When /WE is HIGH,
data from the selected register is output to the D(15–0)
bus on the second rising edge of SYSLCK after both /AS
and /CS are LOW. For CAM access, the write or read
operation is completed when READY returns HIGH. If
/CS is HIGH, or if data is not being read out of the
MU9C8328, the output buffers go to HIGH-Z. Internally
pulled down with nominal 50K resistor.
READY (Ready, Output, Three-state, TTL)
When writing to the Control, Status, or Op-Code register,
READY goes LOW on the first rising edge of SYSCLK
after both /AS and /CS are LOW and returns HIGH on the
next rising edge of SYSCLK. For a read cycle from those
registers, READY may only show a negative-going spike
at the first rising edge of SYSCLK after both /AS and /CS
are LOW. The data will be valid before the next rising
edge of SYSCLK. When writing or reading to/from the
CAM registers, READY will go LOW on the first rising
edge of SYSCLK after both /CS and /AS are LOW.
READY returns HIGH four SYSCLK cycles later,
indicating that the CAM write cycle will complete after
the next rising edge of SYSCLK.
PIN DESCRIPTIONS
Continued
PINOUT DIAGRAM
MU9C8328-RDC
100-pin PQFP
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com