Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4938 Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 35Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 36Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 37Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 38Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 39Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 40Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 41Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 42Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 716 page
background image
3 General Safety Precautions and Usage Considerations
3-17
3.6.5
Strong electrical and magnetic fields
Devices exposed to strong magnetic fields can undergo a polarization phenomenon in their plastic material, or
within the chip, which gives rise to abnormal symptoms such as impedance changes or increased leakage
current. Failures have been reported in LSIs mounted near malfunctioning deflection yokes in TV sets. In such
cases the device’s installation location must be changed or the device must be shielded against the electrical or
magnetic field. Shielding against magnetism is especially necessary for devices used in an alternating magnetic
field because of the electromotive forces generated in this type of environment.
3.6.6
Interference from light (ultraviolet rays, sunlight, fluorescent lamps and
incandescent lamps)
Light striking a semiconductor device generates electromotive force due to photoelectric effects. In some cases
the device can malfunction. This is especially true for devices in which the internal chip is exposed. When
designing circuits, make sure that devices are protected against incident light from external sources. This
problem is not limited to optical semiconductors and EPROMs. All types of device can be affected by light.
3.6.7
Dust and oil
Just like corrosive gases, dust and oil can cause chemical reactions in devices, which will adversely affect a
device’s electrical characteristics. To avoid this problem, do not use devices in dusty or oily environments. This
is especially important for optical devices because dust and oil can affect a device’s optical characteristics as
well as its physical integrity and the electrical performance factors mentioned above.
3.6.8
Fire
Semiconductor devices are combustible; they can emit smoke and catch fire if heated sufficiently. When this
happens, some devices may generate poisonous gases. Devices should therefore never be used in close
proximity to an open flame or a heat-generating body, or near flammable or combustible materials.
3.7
Disposal of Devices and Packing Materials
When discarding unused devices and packing materials, follow all procedures specified by local regulations in
order to protect the environment against contamination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com