Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4938 Datasheet(PDF) 57 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 57 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 53Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 54Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 55Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 56Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 57Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 58Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 59Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 60Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 61Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 716 page
background image
Chapter 3 Signals
3-3
3.1.3
External Interface Signals
Table 3.1.3 External Interface Signals
Signal Name
Type
Description
Initial State
SYSCLK
Output
System Clock
Clock for external I/O devices.
Outputs a clock in full speed mode (at the same frequency as the G-Bus clock
(GBUSCLK) frequency), half speed mode (at one half the GBUSCLK frequency), third
speed mode (at one third the GBUSCLK frequency), or quarter speed mode (at one
quarter the GBUSCLK frequency). The boot configuration signals on the ADDR[14:13]
pins select which speed mode will be used.
When this clock signal is not used, the pin can be set to H using the SYSCLK Enable
bit of the configuration register (CCFG.SYSCLKEN).
High
ACE*
Output
Address Clock Enable
Latch enable signal for the high-order address bits of ADDR.
High
CE[7:0]*
Output
Chip Enable
Chip select signals for ROM, SRAM, and I/O devices (refer to Section “3.3 Pin
multiplex”).
All High
OE*
Output
Output Enable
Output enable signal for ROM, SRAM, and I/O devices.
High
SWE*
Output
Write Enable
Write enable signal for SRAM and I/O devices.
High
BWE[3:0]*
/BE[3:0]*
Output
Byte Enable/Byte Write Enable
BE[3:0]* indicate a valid data position on the data bus DATA[31:0] during read and
write bus operation. In 16-bit bus mode, only BE[1:0]* are used. In 8-bit bus mode,
only BE[0]* is used.
BWE[3:0]* indicate a valid data position on the data bus DATA[31:0] during write bus
operation. In 16-bit bus mode, only BWE[1:0]* are used. In 8-bit bus mode, only
BWE[0]* is used.
The following shows the correspondence between BE[3:0]*/BWE[3:0]* and the data
bus signals.
BE[3]*/BWE[3]*:
DATA[31:24]
BE[2]*/BWE[2]*:
DATA[23:16]
BE[1]*/BWE[1]*:
DATA[15:8]
BE[0]*/BWE[0]*:
DATA[7:0]
The boot configuration signal on the DATA[5] pin and the EBCCRn.BC bit of the
external bus controller determine whether the signals are used as BE[3:0]* or
BWE[3:0]*.
All High
ACK*/ READY Input/output
PU
Data Acknowledge/Ready
Flow control signal (refer to Section “7.3.6 Access Modes”).
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com