Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4938 Datasheet(PDF) 96 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 96 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 92Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 93Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 94Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 95Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 96Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 97Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 98Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 99Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 100Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 716 page
background image
Chapter 5 Configuration Registers
5-8
Bit
Mnemonic
Field Name
Description
Initial Value Read/Write
56
DRVDATA
DATA Signal
Control
Specifies the driving capability of the DATA[63:0] signals.
L : 0 = 8 mA
H : 1 = 16 mA
ADDR[4]
R/W
55
DRVCB
CB Signal
Control
Specifies the driving capability of the CB[7:0]* signals.
L : 0 = 8 mA
H : 1 = 16 mA
Note: CB[7:0]* share pins with PIO[15:8], E0TXD[3:0],
E0RXD[3:0].
The driving capability of these pins are below.
CB[7:0], E0TXD[3:0], E0RXD[3:0]: 8 mA or 16 mA
PIO[15:8]: 8 mA only
ADDR[4]
R/W
54
DRVDQM
DQM Signal
Control
Specifies the driving capability of the DQM[7:0]* signals.
L : 0 = 8 mA
H : 1 = 16 mA
ADDR[4]
R/W
53
DRVADDR
ADDR Signal
Control
Specifies the driving capability of the ADDR[19:0] signals.
L : 0 = 8 mA
H : 1 = 16 mA
ADDR[5]
R/W
52
DRVCKE
CKE Signal
Control
Specifies the driving capability of the CKE signal.
L : 0 = 8 mA
H : 1 = 16 mA
ADDR[5]
R/W
51
DRVRAS
RAS Signal
Control
Specifies the driving capability of the RAS* signal.
L : 0 = 8 mA
H : 1 = 16 mA
ADDR[5]
R/W
50
DRVCAS
CAS Signal
Control
Specifies the driving capability of the CAS* signal.
L : 0 = 8 mA
H : 1 = 16 mA
ADDR[5]
R/W
49
DRVWE
WE Signal
Control
Specifies the driving capability of the WE* signal.
L : 0 = 8 mA
H : 1 = 16 mA
ADDR[5]
R/W
48:45
DRVCS[3:0]
SDRAM CS
Signal Control
Specifies the driving capability of the SDCS[3:0]* signals.
L : 0 = 8 mA
H : 1 = 16 mA
ADDR[5]
R/W
44:41
DRVCK[3:0]
SDRAM SDCLK
Signal Control
Specifies the driving capability of the SDCLK[3:0] signals.
L : 0 = 8 mA
H : 1 = 16 mA
ADDR[5]
R/W
40
DRVCKIN
SDRAM
SDCLKIN
Signal Control
Specifies the driving capability of the SDCLKIN signal.
L : 0 = 8 mA
H : 1 = 16 mA
ADDR[5]
R/W
39:33
⎯
Reserved
⎯
⎯
⎯
32
BYPASS PLL Bypass PLL
Indicates information about whether a PLL for a circuit other
than the PCI controller is on or off.
L: 0 = The PLL is off.
H: 1 = The PLL is on.
BYPASSPLL* R
31:30
⎯
Reserved
⎯
⎯
⎯
29:28
SDCLKDLY
SDCLK
Feedback Delay
Specifies the feedback delay for the SDCLK. This function is
for diagnosis purposes. Usually, set the bits to 00.
00 = Delay 1 (minimum delay)
10 = Delay 2
01 = Delay 3
11 = Delay 4 (maximum delay)
00
R/W
27
SYSCLKEN
SYSCLK Enable Specifies whether to output the SYSCLK.
1 = Clock output
0 = H
1
R/W
Figure 5.2.3 Pin Configuration Register (2/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com