Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4938 Datasheet(PDF) 97 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 97 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 93Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 94Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 95Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 96Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 97Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 98Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 99Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 100Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 101Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 716 page
background image
Chapter 5 Configuration Registers
5-9
Bit
Mnemonic
Field Name
Description
Initial Value Read/Write
26:23 SDCLKEN [3:0] SDCLK Enable Individually specifies whether to output each of SDCLK[3:0].
1 = Clock output
0 = H
Bit 26 = SDCLK[3]
Bit 25 = SDCLK[2]
Bit 24 = SDCLK[1]
Bit 23 = SDCLK[0]
1111
R/W
22
SDCLKINEN
SDCLKIN
Enable
Specifies how SDCLK[3:0] should be fed back. This function
is for diagnosis purposes. Usually, set this bit to 0.
0 = Use the SDCLKIN signal as a feedback clock.
1 = Perform feedback within the TX4938 (the SDCLKIN
becomes an output signal).
0
R/W
21:16 PCICLKEN [5:0] PCICLK Enable Individually specifies whether to output each of PCICLK[5:0].
1 = Clock output
0 = H
Bit 21 = PCICLK[5]
Bit 20 = PCICLK[4]
Bit 19 = PCICLK[3]
Bit 18 = PCICLK[2]
Bit 17 = PCICLK[1]
Bit 16 = PCICLK[0]
111111
R/W
15:10
⎯
Reserved
⎯
⎯
⎯
9
SEL2
Shared-Pin
Status 2
DMAREQ[2], DMAACK[2], and PIO[4:2] share pins with the
AC-link interface signals. Indicates which function the shared
pins are set to.
L: 0 = The shared pins are set to DMAREQ[2], DMAACK[2],
and PIO[4:2].
H: 1 = The shared pins are set to the AC-link interface signals.
ADDR[9]
R
8
SEL1
Shared-Pin
Status 1
Indicates which function, PIO[15:8] or CB[7:0], the shared pins
are set to.
L: 0 = The shared pins are set to PIO[15:8].
H: 1 = The shared pins are set to CB[7:0].
ADDR[18]
R
7:4
⎯
Reserved
⎯
⎯
⎯
3
DMASEL3
DMA Request
Select 3
Selects a DMA request used by DMA controller 0 channel 3.
0: DMAREQ[3] (external)
1: SIO channel 0 transmission (internal)
0
R/W
2
DMASEL2
DMA Request
Select 2
Selects a DMA request used by DMA controller 0 channel 2.
0: DMAREQ[2] (external)
1: SIO channel 0 reception (internal)
0
R/W
1
DMASEL1
DMA Request
Select 1
Selects a DMA request used by DMA controller 0 channel 1.
00: DMAREQ[1] (external)
01: SIO channel 1 transmission (internal)
0
R/W
1:0
DMASEL0
DMA Request
Select 0
Selects a DMA request used by DMA controller 0 channel 0.
00: DMAREQ[0] (external)
01: SIO channel 1 reception (internal)
0
R/W
Figure 5.2.3 Pin Configuration Register (3/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com