Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4938 Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 41Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 42Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 43Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 44Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 45Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 46Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 47Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 48Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 49Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 716 page
background image
Conventions in this Manual
i
Conventions in this Manual
Value Conventions
•
Hexadecimal values are expressed as in the following example. (This value is expressed as 42 in
the decimal system.)
•
KB (kilobyte) = 1,024 Bytes,
MB (megabyte) = 1,024
× 1,024 = 1,048,576 Bytes,
GB (gigabyte) = 1,024
× 1,024 × 1,024 = 1,073,741,824 Bytes
Data Conventions
•
Byte: 8 bits
•
Half-word: 2 consecutive Bytes (16 bits)
•
Word: 4 consecutive Bytes (32 bits)
•
Double-word: 8 consecutive Bytes (64 bits)
Signal Conventions
•
An asterisk (“*”) is added to the end of signal names to indicate Low Active signals. (Example:
RESET*)
•
“Assert” means to move a signal to its Active level. “Deassert” means to move a signal to its
Inactive level.
Register Conventions
•
Bit operation is expressed as follows.
Set: Put a bit in the “1” position.
Clear: Put a bit in the “0” position.
•
Properties of each bit in a register are expressed as follows.
R:
Read only. The software cannot change the bit value.
W:
Write only. The value that is read is undefined.
R/W:
Read/Write is possible.
W1C
Write 1 Clear. This corresponding bit is cleared when “1” is written to this bit. “0” is
invalid if written.
R/W1C: Read/Write 1 Clear. These bits can be read from and written to. The corresponding bit is
cleared when “1” is written to this bit. “0” is invalid if written.
R/W0C: Read/Write 0 Clear. These bits can be read from and written to. The corresponding bit is
cleared when “0” is written to this bit. “1” is invalid if written.
R/W1S Read/Write 1 Set. These bits can be read from and written to. The corresponding bit is set
when “1” is written to this bit. “0” is invalid if written.
RS/WC Read Set/Write Clear. These bits can be read from and written to. The bits is set
when read, and a write of an arbitrary value to the bit clears it.
R/L:
Property unique to the PCI Controller. This bit can be read. The value of this bit can only
be changed by the method described in “10.3.14: Set Configuration Space”.
•
Registers and the register bit/field name are expressed as “<register name>.<bit/field name>”.
Example: CCFG.TOE
The above example indicates Time Out Bus Error Enable (TOE), a bit field of bit 14 in the Chip
Configuration Register (CCFG).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com