Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4938 Datasheet(PDF) 83 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 83 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 79Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 80Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 81Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 82Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 83Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 84Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 85Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 86Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 87Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 716 page
background image
Chapter 4 Address Mapping
4-11
Table 4.2.3 Internal Registers (8/12)
Offset Address
Register Size (bit) Register Symbol
Register Name
0xD120
64
G2PM0GBASE
G2P Memory Space 0 G-Bus Base Address Register
0xD128
64
G2PM1GBASE
G2P Memory Space 1 G-Bus Base Address Register
0xD130
64
G2PM2GBASE
G2P Memory Space 2 G-Bus Base Address Register
0xD138
64
G2PIOGBASE
G2P I/O Space G-Bus Base Address Register
0xD140
32
G2PM0MASK
G2P Memory Space 0 Address Mask Register
0xD144
32
G2PM1MASK
G2P Memory Space 1 Address Mask Register
0xD148
32
G2PM2MASK
G2P Memory Space 2 Address Mask Register
0xD14C
32
G2PIOMASK
G2P I/O Space Address Mask Register
0xD150
64
G2PM0PBASE
G2P Memory Space 0 PCI Base Address Register
0xD158
64
G2PM1PBASE
G2P Memory Space 1 PCI Base Address Register
0xD160
64
G2PM2PBASE
G2P Memory Space 2 PCI Base Address Register
0xD168
64
G2PIOPBASE
G2P I/O Space PCI Base Address Register
0xD170
32
PCICCFG
PCI Controller Configuration Register
0xD174
32
PCICSTATUS
PCI Controller Status Register
0xD178
32
PCICMASK
PCI Controller Interrupt Mask register
0xD180
64
P2GM0GBASE
P2G Memory Space 0 G-Bus Base Address Register
0xD188
64
P2GM1GBASE
P2G Memory Space 1 G-Bus Base Address Register
0xD190
64
P2GM2GBASE
P2G Memory Space 2 G-Bus Base Address Register
0xD198
64
P2GIOGBASE
P2G I/O Space 0 G-Bus Base Address Register
0xD1A0
32
G2PCFGADRS
G2P Configuration Address Register
0xD1A4
32
G2PCFGDATA
G2P Configuration Data Register
0xD1C8
32
G2PINTACK
G2P Interrupt Acknowledge Register
0xD1CC
32
G2PSPC
G2P Special Cycle Data Register
0xD1D0
32
PCICDATA0
PCI Configuration Data 0 Register
0xD1D4
32
PCICDATA1
PCI Configuration Data 1 Register
0xD1D8
32
PCICDATA2
PCI Configuration Data 2 Register
0xD1DC
32
PCICDATA3
PCI Configuration Data 3 Register
0xD200
64
PDMCA
PDMAC Chain Address Register
0xD208
64
PDMGA
PDMAC G-Bus Address Register
0xD210
64
PDMPA
PDMAC PCI Bus Address Register
0xD218
64
PDMCTR
PDMAC Count Register
0xD220
64
PDMCFG
PDMAC Configuration Register
0xD228
64
PDMSTATUS
PDMAC Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com