Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4938 Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 25Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 26Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 27Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 28Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 29Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 30Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 31Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 32Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 716 page
background image
3 General Safety Precautions and Usage Considerations
3-7
CMOS logic IC inputs, for example, have extremely high impedance. If an input pin is left open, it can easily
pick up extraneous noise and become unstable. In this case, if the input voltage level reaches an intermediate
level, it is possible that both the P-channel and N-channel transistors will be turned on, allowing unwanted
supply current to flow. Therefore, ensure that the unused input pins of a device are connected to the power
supply (Vcc) pin or ground (GND) pin of the same device. For details of what to do with the pins of heat sinks,
refer to the relevant technical datasheet and databook.
3.3.5
Latch-up
Latch-up is an abnormal condition inherent in CMOS devices, in which Vcc gets shorted to ground. This
happens when a parasitic PN-PN junction (thyristor structure) internal to the CMOS chip is turned on, causing a
large current of the order of several hundred mA or more to flow between Vcc and GND, eventually causing the
device to break down.
Latch-up occurs when the input or output voltage exceeds the rated value, causing a large current to flow in the
internal chip, or when the voltage on the Vcc (Vdd) pin exceeds its rated value, forcing the internal chip into a
breakdown condition. Once the chip falls into the latch-up state, even though the excess voltage may have been
applied only for an instant, the large current continues to flow between Vcc (Vdd) and GND (Vss). This causes
the device to heat up and, in extreme cases, to emit gas fumes as well. To avoid this problem, observe the
following precautions:
(1) Do not allow voltage levels on the input and output pins either to rise above Vcc (Vdd) or to fall below
GND (Vss). Also, follow any prescribed power-on sequence, so that power is applied gradually or in steps
rather than abruptly.
(2) Do not allow any abnormal noise signals to be applied to the device.
(3) Set the voltage levels of unused input pins to Vcc (Vdd) or GND (Vss).
(4) Do not connect output pins to one another.
3.3.6
Input/Output protection
Wired-AND configurations, in which outputs are connected together, cannot be used, since this short-circuits the
outputs. Outputs should, of course, never be connected to Vcc (Vdd) or GND (Vss).
Furthermore, ICs with tri-state outputs can undergo performance degradation if a shorted output current is
allowed to flow for an extended period of time. Therefore, when designing circuits, make sure that tri-state
outputs will not be enabled simultaneously.
3.3.7
Load capacitance
Some devices display increased delay times if the load capacitance is large. Also, large charging and discharging
currents will flow in the device, causing noise. Furthermore, since outputs are shorted for a relatively long time,
wiring can become fused.
Consult the technical information for the device being used to determine the recommended load capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com