Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4938 Datasheet(PDF) 92 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 92 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 88Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 89Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 90Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 91Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 92Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 93Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 94Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 95Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 96Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 716 page
background image
Chapter 5 Configuration Registers
5-4
Bit
Mnemonic Field Name
Description
Initial Value Read/Write
23
PCI66
PCI 66MHz
Mode
Used to inform the device connected to the PCI bus that a 66
MHz operation is to be performed. This bit is valid only when the
PCI controller of the TX4938 is in host mode. (Refer to Section
10.3.8.)
0 = Do not perform a 66 MHz operation.
1 = Perform a 66 MHz operation.
0
R/W
22
PCIMODE
PCI
Operation
Mode
Indicates information about the operation mode of the TX4938
PCI controller. (Refer to Section 10.3.1.)
L: 0: Satellite mode
H: 1: Host mode
ADDR[19]
R
21
PCI1-66
PCI1 66MHz
Mode
Used to inform the ETHERC0 and ETHERC1 connected to the
PCI1 bus that a 66 MHz operation is to be performed.
0 = Do not perform a 66 MHz operation (1/4 GBUSCLK).
1 = Perform a 66 MHz operation (1/2 GBUSCLK).
0
R/W
20:17
DIVMODE
CPUCLK
Frequency
Multiplication
Factor
Indicates information about the frequency multiplication factor of
the TX49/H3 core clock (CPUCLK) to the MASTERCLK. This
field is set with a result of encoding an initial input value at
ADDR[3:0].
The PLL incorporated in the TX4938 multiplies the
MASTERCLK and supplies the resulting frequency to the
TX49/H3 core.
The value set in DIVMODE[3:0] is reflected in the EC field of the
TX49/H3 core Config register.
ADDR[3:0]:DIVMODE[3:0]
HHHH: 0100: CPUCLK freq.
= 2 × MASTERCLK freq.
HHHL: 1111: CPUCLK freq.
= 2.5 × MASTERCLK freq.
HHLH: 0101: CPUCLK freq.
= 3 × MASTERCLK freq.
HHLL: 0110: CPUCLK freq.
= 4 × MASTERCLK freq.
LHHH: 1101: CPUCLK freq. = 4.5 x MASTERCLK freq.
LHHL: ---- : Reserved
LHLH: ---- : Reserved
LHLL: ---- : Reserved
HLHH: 0000: CPUCLK freq.
= 8 × MASTERCLK freq.
HLHL: 1011: CPUCLK freq.
= 10 × MASTERCLK freq.
HLLH: 0001: CPUCLK freq.
= 12 × MASTERCLK freq.
HLLL: 0010: CPUCLK freq.
= 16 × MASTERCLK freq.
LLHH: 1001: CPUCLK freq.
= 18 × MASTERCLK freq.
LLHL: ---- : Reserved
LLLH: ---- : Reserved
LLLL: ---- : Reserved
ADDR[3:0]
R
16
BEOW
Write-Access
Bus Error
Indicates that a timeout error has occurred in the internal bus (G-
Bus) during a write bus transaction of the TX49/H3 core. This bit
corresponds to interrupt No. 1 in the interrupt controller.
0 = No error has occurred.
1 = An error has occurred.
0
R/W1C
15
WR
Watchdog
Timer Mode
Specifies how information will be reported in watchdog timer
mode (refer to Section 12.3.6).
0 = Generate an NMI exception.
1 = Generate a watchdog reset.
0
R/W
14
TOE
G-Bus
Timeout
Error
Detection
Specifies whether to detect and report a bus timeout error in the
internal bus (G-Bus) of the TX4938.
0 = Do not detect or report a bus timeout error.
1 = Detect and report a bus timeout error.
0
R/W
13
PCIARB
PCI Arbiter
Selection
Indicates the PCI bus arbiter selection setting (refer to Section
10.3.12).
L: 0 = External PCI bus arbiter
H: 1 = Built-in PCI bus arbiter
DATA[2]
R
Figure 5.2.1 Chip Configuration Register (2/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com