Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4938 Datasheet(PDF) 107 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 107 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 103Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 104Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 105Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 106Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 107Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 108Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 109Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 110Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 111Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 716 page
background image
Chapter 6 Clocks
6-3
Table 6.1.1 TX4938 Clock Signals (2/2)
Clock
Input/Output
Description
Related
Configuration Signals
(Refer to Section
3.2.)
Related Registers
(Refer to Chapters 5
and 10.)
PCICLK[5:0]
Output
Clock supplied to devices on the PCI bus.
The PCICLKEN bit of the PCFG register can
disable the output of PCICLK.
The frequency depends on boot configuration
signals ADDR[11:10] or the PCIDIVMODE field of
the CCFG register.
Initial Value of PCIDIVMODE[0] is 0.
CCFG_PCIDIVMODE[2:0]
=001: CPUCLK divided by 4
=011: CPUCLK divided by 4.5
=101: CPUCLK divided by 5
=111: CPUCLK divided by 5.5
=000: CPUCLK divided by 8
=010: CPUCLK divided by 9
=100: CPUCLK divided by 10
=110: CPUCLK divided by 11
Note: PCICLK[5:0] can supply clock pulses at 66
or 33 MHz when the CPUCLK frequency is
set to 300.
The setting is: 011, 010
ADDR[11:10]
CCFG.PCIDIVMODE
PCFG.PCICLKEN[5:0]
PCICLKIN
Input
PCI bus clock. The built-in PCI controller of the
TX4938 operates with this clock.
Note: To achieve an accurate phase match with
the external clock, PCICLK[5:0] or the PCI
clock output from another PCI device must
be supplied to PCICLKIN.
⎯
⎯
PCICLKO
Internal signal Clock supplied to the PCI controller. PCICLKO is
generated by PLL2 based on PCICLKIN.
PCICLKO has the same frequency and phase as
those of PCICLKIN (input pin).
⎯
⎯
EEPROM_SK Output
Clock for serial EEPROM used to initially set the
PIC configuration.
⎯
⎯
SCLK
Input
Input clock for SIO. SCLK is shared by SIO0 and
SIO1.
⎯
⎯
TCLK
Input
Input clock for timers. TCLK is shared by TMR0,
TMR1, and TMR2.
⎯
⎯
BITCLK
Input
Input clock for the AC-link controller.
The pin is shared with the PIO[2] signal.
ADDR[9]
⎯
TCK
Input
Input clock for JTAG.
⎯
⎯
DCLK
Output
Clock output for the real-time debugging system.
⎯
⎯
E0TXCLK,
E1TXCLK
Input
Transmit clock
E0RXCLK,
E1RXCLK
Input
Receive clock
SPICLK
Output
This clock is used for a data clock to or from an
SPI slave device.
PCI1CLK
Internal signal Clock supplied to the PCI controller connected
ETHER0 and ETHER1. This clock is generated by
dividing GBUSCLK. Divide mode is specified by
ADDR[16] and CCFG.
ADDR[16]
CCFG.PCI1DMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com