Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 119Page - STMicroelectronics ST10F273E Datasheet HTML 120Page - STMicroelectronics ST10F273E Datasheet HTML 121Page - STMicroelectronics ST10F273E Datasheet HTML 122Page - STMicroelectronics ST10F273E Datasheet HTML 123Page - STMicroelectronics ST10F273E Datasheet HTML 124Page - STMicroelectronics ST10F273E Datasheet HTML 125Page - STMicroelectronics ST10F273E Datasheet HTML 126Page - STMicroelectronics ST10F273E Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 179 page
background image
ST10F273E
Register set
123/179
23.3
Flash registers ordered by name
The following table lists all Flash Control Registers which are implemented in the
ST10F273E ordered by their name. These registers are physically mapped on the IBus,
except for XFVTAUR0, which is mapped on XBus. Note that these registers are not bit-
addressable.
23.4
Identification registers
The ST10F273E have four Identification registers, mapped in ESFR space. These registers
contain:
●
A manufacturer identifier
●
A chip identifier with its revision
●
A internal Flash and size identifier
●
Programming voltage description
Note:
The ST10F273E device is a commercial version based on the ST10F276E silicon, the
identification registers provide the values corresponding to the ST10F276E device.
Table 55.
List of flash registers
Name
Physical
address
Description
Reset value
FARH
0x000E 0012
Flash address register - high
0000h
FARL
0x000E 0010
Flash address register - low
0000h
FCR0H
0x000E 0002
Flash control register 0 - high
0000h
FCR0L
0x000E 0000
Flash control register 0 - low
0000h
FCR1H
0x000E 0006
Flash control register 1 - high
0000h
FCR1L
0x000E 0004
Flash control register 1 - low
0000h
FDR0H
0x000E 000A
Flash data register 0 - high
FFFFh
FDR0L
0x000E 0008
Flash data register 0 - low
FFFFh
FDR1H
0x000E 000E
Flash data register 1 - high
FFFFh
FDR1L
0x000E 000C
Flash data register 1 - low
FFFFh
FER
0x000E 0014
Flash error register
0000h
FNVAPR0
0x000E DFB8
Flash non volatile access protection reg.0
ACFFh
FNVAPR1H
0x000E DFBE
Flash non volatile access protection reg.1 - high
FFFFh
FNVAPR1L
0x000E DFBC
Flash non volatile access protection reg.1 - low
FFFFh
FNVWPIRH
0x000E DFB6
Flash non volatile protection i register high
FFFFh
FNVWPIRL
0x000E DFB4
Flash non volatile protection i register low
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com