Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 120Page - STMicroelectronics ST10F273E Datasheet HTML 121Page - STMicroelectronics ST10F273E Datasheet HTML 122Page - STMicroelectronics ST10F273E Datasheet HTML 123Page - STMicroelectronics ST10F273E Datasheet HTML 124Page - STMicroelectronics ST10F273E Datasheet HTML 125Page - STMicroelectronics ST10F273E Datasheet HTML 126Page - STMicroelectronics ST10F273E Datasheet HTML 127Page - STMicroelectronics ST10F273E Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 179 page
background image
Register set
ST10F273E
124/179
IDMANUF (F07Eh / 3Fh)
ESFR
Reset Value: 0403h
IDCHIP (F07Ch / 3Eh)
ESFR
Reset Value: 114Xh
IDMEM (F07Ah / 3Dh)
ESFR
Reset Value: 30D0h
15
14
13
12
11
10
98
765
43
210
MANUF
00
011
RR
Table 56.
IDMANUF
Bit
Function
MANUF
Manufacturer identifier
020h: STMicroelectronics manufacturer (JTAG worldwide normalization).
15
14
13
12
11
10
98
765
43
210
IDCHIP
REVID
RR
Table 57.
IDCHIP
Bit
Function
IDCHIP
Device identifier
114h: ST10F273E identifier (276).
REVID
Device revision identifier
Xh: According to revision number.
15
14
13
12
11
10
98
765
43
210
MEMTYP
MEMSIZE
RR
Table 58.
IDMEM
Bit
Function
MEMSIZE
Internal memory size
Internal memory size is 4 x (MEMSIZE) (in Kbyte)
0D0h for 832 Kbytes (ST10F276E)
MEMTYP
Internal memory type
‘0h’: ROM-Less
‘1h’: (M) ROM memory
‘2h’: (S) Standard Flash memory
‘3h’: (H) High performance Flash memory (ST10F273E)
‘4h...Fh’: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com