Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 139Page - STMicroelectronics ST10F273E Datasheet HTML 140Page - STMicroelectronics ST10F273E Datasheet HTML 141Page - STMicroelectronics ST10F273E Datasheet HTML 142Page - STMicroelectronics ST10F273E Datasheet HTML 143Page - STMicroelectronics ST10F273E Datasheet HTML 144Page - STMicroelectronics ST10F273E Datasheet HTML 145Page - STMicroelectronics ST10F273E Datasheet HTML 146Page - STMicroelectronics ST10F273E Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 179 page
background image
ST10F273E
Electrical characteristics
143/179
1.
Supposing to design the filter with the pole exactly at the maximum frequency of the
signal, the time constant of the filter is:
2.
Using the relation between CF and CS and taking some margin (4000 instead of 2048),
it is possible to define CF:
3.
As a consequence of step 1 and 2, RC can be chosen:
4.
Considering the current injection limitation and supposing that the source can go up to
12V, the total series resistance can be defined as:
from which is now simple to define the value of RL:
5.
Now the three element of the external circuit RF, CF and RL are defined. Some
conditions discussed in the previous paragraphs have been used to size the
component, the other must now be verified. The relation which allow to minimize the
accuracy error introduced by the switched capacitance equivalent resistance is in this
case:
So the error due to the voltage partitioning between the real resistive path and CS is
less then half a count (considering the worst case when VA = 5V):
The other conditions to be verified is the time constants of the transients are really and
significantly shorter than the sampling period duration TS:
For complete set of parameters characterizing the ST10F273E A/D Converter equivalent
circuit, refer to
Section 24.7: A/D converter characteristics on page 134.
R
C
C
F
1
2
πf
0
------------
15.9
µs
=
=
C
F
4000 C
S
⋅
16nF
=
=
R
F
1
2
πf
0
C
F
---------------------
995
Ω 1kΩ
≅
=
=
R
S
R
F
R
L
V
AM
I
INJ
-------------
4k
Ω
=
=
++
R
L
V
AM
I
INJ
-------------
R
F
R
S
2.9k
Ω
=
–
–
=
R
EQ
1
f
C
C
S
---------------10M
Ω
=
=
V
A
R
S
R
F
R
L
R
SW
R
AD
++
+
+
R
EQ
---------------------------------------------------------------------------
2.35mV
=
⋅
1
2
---LSB
<
τ
1
R
SW
R
AD
+
()
=
C
S
2.8ns
=
⋅
TS = 1µs
10
τ
2
⋅
10 R
⋅
L
=
C
S
C
P1
C
P2
++
() 290ns
=
⋅
TS = 1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com