Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 142Page - STMicroelectronics ST10F273E Datasheet HTML 143Page - STMicroelectronics ST10F273E Datasheet HTML 144Page - STMicroelectronics ST10F273E Datasheet HTML 145Page - STMicroelectronics ST10F273E Datasheet HTML 146Page - STMicroelectronics ST10F273E Datasheet HTML 147Page - STMicroelectronics ST10F273E Datasheet HTML 148Page - STMicroelectronics ST10F273E Datasheet HTML 149Page - STMicroelectronics ST10F273E Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 179 page
background image
Electrical characteristics
ST10F273E
146/179
24.8.3
Clock generation modes
Next
Table 69 associates the combinations of these three bits with the respective clock
generation mode.
24.8.4
Prescaler operation
When pins P0.15-13 (P0H.7-5) equal ’001’ during reset, the CPU clock is derived from the
internal oscillator (input clock signal) by a 2:1 prescaler.
The frequency of fCPU is half the frequency of fXTAL and the high and low time of fCPU (i.e.
the duration of an individual TCL) is defined by the period of the input clock fXTAL.
The timings listed in the AC Characteristics that refer to TCL therefore can be calculated
using the period of fXTAL for any TCL.
Note that if the bit OWDDIS in SYSCON register is cleared, the PLL runs on its free-running
frequency and delivers the clock signal for the Oscillator Watchdog. If bit OWDDIS is set,
then the PLL is switched off.
Table 69.
On-chip clock generator selections
P0.15-13
(P0H.7-5)
CPU frequency
fCPU = fXTAL x F
External clock input range (1) (2)
1.
The external clock input range refers to a CPU clock range of 1...64 MHz. Besides, the PLL usage is limited
to 4 to 12 MHz input frequency range. All configurations need a crystal (or ceramic resonator) to generate
the CPU clock through the internal oscillator amplifier (apart from Direct Drive): vice versa, the clock can be
forced through an external clock source only in Direct Drive mode (on-chip oscillator amplifier disabled, so
no crystal or resonator can be used).
2.
The limits on input frequency are 4 to 12 MHz since the usage of the internal oscillator amplifier is required.
Also when the PLL is not used and the CPU clock corresponds to FXTAL/2, an external crystal or resonator
shall be used: it is not possible to force any clock though an external clock source.
Notes
Main OSC (MHz)
111
FXTAL x 4
4 to 8
Default configuration
110
FXTAL x 3
5.3 to 10.6
101
FXTAL x 8
4 to 8
100
FXTAL x 5
6.4 to 12
011
FXTAL x 1
1 to 64
Direct drive
(oscillator bypassed) (3)
3.
The maximum depends on the duty cycle of the external clock signal: When 64 MHz is used, 50% duty
cycle shall be granted (low phase = high phase = 7.8ns); when 32 MHz is selected, a 25% duty cycle can
be accepted (minimum phase, high or low, again equal to 7.8ns).
010
FXTAL x 10
4 to 6.4
001
FXTAL / 2
4 to 12
CPU clock via prescaler(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com