Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F273E Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST10F273E
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273E Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST10F273E Datasheet HTML 144Page - STMicroelectronics ST10F273E Datasheet HTML 145Page - STMicroelectronics ST10F273E Datasheet HTML 146Page - STMicroelectronics ST10F273E Datasheet HTML 147Page - STMicroelectronics ST10F273E Datasheet HTML 148Page - STMicroelectronics ST10F273E Datasheet HTML 149Page - STMicroelectronics ST10F273E Datasheet HTML 150Page - STMicroelectronics ST10F273E Datasheet HTML 151Page - STMicroelectronics ST10F273E Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 179 page
background image
Electrical characteristics
ST10F273E
148/179
24.8.7
Phase locked loop (PLL)
For all other combinations of pins P0.15-13 (P0H.7-5) during reset the on-chip phase locked
loop is enabled and it provides the CPU clock (see
Table 69). The PLL multiplies the input
frequency by the factor F which is selected via the combination of pins P0.15-13 (fCPU =
fXTAL x F). With every F’th transition of fXTAL the PLL circuit synchronizes the CPU clock to
the input clock. This synchronization is done smoothly, so the CPU clock frequency does not
change abruptly.
Due to this adaptation to the input clock the frequency of fCPU is constantly adjusted so it is
locked to fXTAL. The slight variation causes a jitter of fCPU which also effects the duration of
individual TCLs.
The timings listed in the AC Characteristics that refer to TCLs therefore must be calculated
using the minimum TCL that is possible under the respective circumstances.
The real minimum value for TCL depends on the jitter of the PLL. The PLL tunes fCPU to
keep it locked on fXTAL. The relative deviation of TCL is the maximum when it is referred to
one TCL period.
This is especially important for bus cycles using wait states and e.g. for the operation of
timers, serial interfaces, etc. For all slower operations and longer periods (e.g. pulse train
generation or measurement, lower Baud rates, etc.) the deviation caused by the PLL jitter is
negligible. Refer to next
Section 24.8.9: PLL jitter for more details.
24.8.8
Voltage controlled oscillator
The ST10F273E implements a PLL which combines different levels of frequency dividers
with a Voltage Controlled Oscillator (VCO) working as frequency multiplier. In the following
table, a detailed summary of the internal settings and VCO frequency is reported.
The PLL input frequency range is limited to 1 to 3.5 MHz, while the VCO oscillation range is
64 to 128 MHz. The CPU clock frequency range when PLL is used is 16 to 64 MHz.
Table 70.
Internal PLL divider mechanism
P0.15-13
(P0H.7-5)
XTAL frequency
Input
prescaler
PLL
Output
prescaler
CPU frequency
fCPU = fXTAL x F
Multiply
by
Divide by
1
1
1
4 to 8 MHz
FXTAL / 4
64
4
–
FXTAL x 4
1
1
0
5.3 to 10.6 MHz
48
FXTAL x 3
1
0
1
4 to 8 MHz
64
2
FXTAL x 8
1
0
0
6.4 to 12 MHz
40
FXTAL x 5
0
1
1
1 to 64 MHz
–
PLL bypassed
FXTAL x 1
0
1
0
4 to 6.4MHz
FXTAL / 2
40
2
–
FXTAL x 10
0
0
1
4 to 12MHz1)
–
PLL bypassed
FPLL / 2
FXTAL / 2
00
0
4MHz
FXTAL / 2
64
2
–
FXTAL x 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com