Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8488KBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8488KBCZ
Description  Digital X-Ray Analog Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8488KBCZ Datasheet(HTML) 4 Page - Analog Devices

  AD8488KBCZ Datasheet HTML 1Page - Analog Devices AD8488KBCZ Datasheet HTML 2Page - Analog Devices AD8488KBCZ Datasheet HTML 3Page - Analog Devices AD8488KBCZ Datasheet HTML 4Page - Analog Devices AD8488KBCZ Datasheet HTML 5Page - Analog Devices AD8488KBCZ Datasheet HTML 6Page - Analog Devices AD8488KBCZ Datasheet HTML 7Page - Analog Devices AD8488KBCZ Datasheet HTML 8Page - Analog Devices AD8488KBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8488
Data Sheet
Rev. A | Page 4 of 20
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT VOLTAGE
OUTHIGH
2.0
V
OUTLOW
2.0
V
INPUT REFERRED NOISE4
CF1 = 0.9 pF, G = 10
Normal
CPANEL = 38 pF
993
e−rms
Low Power
CPANEL = 61 pF
2000
e−rms
PANEL CAPACITANCE
0
80
pF
LINEARITY ERROR5
CF1 = 0.9 pF, G = 5
Normal
0.03 + 1
% + LSB
Low Power
0.2 + 8.2
% + LSB
OPERATING TEMPERATURE
Ambient, normal and low power
0
85
°C
1
Defined as the output voltage divided by the input charge (number of electrons in this case) with the gain amp setting (G = 1). This includes the gain error of the gain amp.
2
Each gain at G = 2, G = 4, G = 8, and G = 10 is calculated as the ratio of each output voltage to that at G = 1. Each measurement corresponds to the selection of each gain
setting capacitor.
3
Gain deviation over temperature.
4
The output noise voltage is measured and converted into the input referred noise electrons.
5
It is defined as the deviation from a best fit line, including the origin. The output voltage is measured with five different input conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com