Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8488KBCZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD8488KBCZ
Description  Digital X-Ray Analog Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8488KBCZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8488KBCZ Datasheet HTML 12Page - Analog Devices AD8488KBCZ Datasheet HTML 13Page - Analog Devices AD8488KBCZ Datasheet HTML 14Page - Analog Devices AD8488KBCZ Datasheet HTML 15Page - Analog Devices AD8488KBCZ Datasheet HTML 16Page - Analog Devices AD8488KBCZ Datasheet HTML 17Page - Analog Devices AD8488KBCZ Datasheet HTML 18Page - Analog Devices AD8488KBCZ Datasheet HTML 19Page - Analog Devices AD8488KBCZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8488
Data Sheet
Rev. A | Page 16 of 20
TST6
TST5
TST4
TST3
TST2
TST1
TST0
Selects Channel
0
1
0
1
0
0
1
46
0
1
0
1
0
1
1
47
0
1
0
1
0
1
0
48
0
1
0
1
1
1
0
49
0
1
0
1
1
1
1
50
0
1
0
1
1
0
1
51
0
1
0
1
1
0
0
52
0
1
0
0
1
0
0
53
0
1
0
0
1
0
1
54
0
1
0
0
1
1
1
55
0
1
0
0
1
1
0
56
0
1
0
0
0
1
0
57
0
1
0
0
0
1
1
58
0
1
0
0
0
0
1
59
0
1
0
0
0
0
0
60
1
1
0
0
0
0
0
61
1
1
0
0
0
0
1
62
1
1
0
0
0
1
1
63
Table 9. Integrator Capacitor Content (CSEL0 and CSEL1)
CF1SEL1
CF1SEL0
CF1 (pF)
0
0
0.45
0
1
0.9
1
0
3.5
1
1
7.0
Table 10. Low-Pass Filter Time Constant—Resistor Selection Address Bits (FSEL0 and FSEL1)
FSEL1
FSEL0
R1 (kΩ)
Time Constant (µs)
0
0
195
1.5
0
1
130
1.0
1
0
65
0.5
1
1
0
0
Table 11. Gain Selection (Gain Amp/GNSEL0 to GNSEL3; CF2 = 0.5 pF)
GNSEL3 (CH3 = 1.5 pF)
GNSEL2 (CH2 = 2 pF)
GNSEL1 (CH = 1 pF)
GNSEL0 (CH = 0.5 pF)
Total CH (pF)
Gain
0
0
0
0
0
0
0
0
0
1
0.5
1
0
0
1
0
1
2
0
0
1
1
1.5
3
0
1
0
0
2
4
0
1
0
1
2.5
5
0
1
1
0
3
6
0
1
1
1
3.5
7
1
1
0
1
4
8
1
1
1
0
4.5
9
1
1
1
1
5
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com