Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8488KBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8488KBCZ
Description  Digital X-Ray Analog Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8488KBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD8488KBCZ Datasheet HTML 1Page - Analog Devices AD8488KBCZ Datasheet HTML 2Page - Analog Devices AD8488KBCZ Datasheet HTML 3Page - Analog Devices AD8488KBCZ Datasheet HTML 4Page - Analog Devices AD8488KBCZ Datasheet HTML 5Page - Analog Devices AD8488KBCZ Datasheet HTML 6Page - Analog Devices AD8488KBCZ Datasheet HTML 7Page - Analog Devices AD8488KBCZ Datasheet HTML 8Page - Analog Devices AD8488KBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD8488
Rev. A | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Voltage
Supply (AVDD, DVDD)
5.5 V
Charge Input IN0 to IN127
−0.3 V to VREF + 0.3 V
Reference (VREF, VREF_ESD)
5.5 V
Logic Inputs
−0.3 V to +5.5 V
Maximum Junction Temperature
125°C
Storage Temperature Range
−30°C to +150°C
Input Charge to Integrator Channels
20 pC
Stresses above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions
above those indicated in the operational section of this
specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
THERMAL DATA
ΨJB is the junction-to-board thermal characterization parameter
with a unit of °C/W. The ΨJB of the package is based on modeling
and calculation using a 4-layer board. The JESD51-12, Guidelines
for Reporting and Using Package Thermal Information, states that
thermal characterization parameters are not the same as thermal
resistances. ΨJB measures the component power flowing through
multiple thermal paths rather than a single path, as in thermal
resistance, θJB. Therefore, ΨJB thermal paths include convection
from the top of the package as well as radiation from the package,
factors that make ΨJB more useful in real-world applications.
Maximum junction temperature (TJ) is calculated from the board
temperature (TB) and power dissipation (PD) using the formula
TJ = TB + (PD × ΨJB)
Refer to JESD51-8 and JESD51-12 for more detailed information
about ΨJB.
THERMAL CHARACTERIZATION
Table 3. Thermal Resistance—Normal Operation (1.4 W)
Airflow Velocity
(m/sec)
Ambient
θJA
ΨJT
ΨJB
θJC
Unit
0
85°C
18.6
0.20
8.3
4.4
°C/W
50°C
19.7
0.17
8.3
4.4
°C/W
25°C
20.6
0.16
8.3
4.4
°C/W
1
85°C
15.8
0.32
8.2
4.4
°C/W
50°C
16.1
0.30
8.2
4.4
°C/W
25°C
16.4
0.29
8.2
4.4
°C/W
3
85°C
13.8
0.54
7.7
4.4
°C/W
50°C
14.0
0.53
7.7
4.4
°C/W
25°C
14.2
0.52
7.7
4.4
°C/W
Table 4. Thermal Resistance—Low Power Operation (0.5 W)
Airflow Velocity
(m/sec)
Ambient
θJA
ΨJT
ΨJB
θJC
Unit
0
85°C
19.0
0.19
8.3
4.4
°C/W
50°C
20.2
0.16
8.3
4.4
°C/W
25°C
21.2
0.15
8.3
4.4
°C/W
1
85°C
15.7
0.31
8.1
4.4
°C/W
50°C
16.2
0.29
8.1
4.4
°C/W
25°C
16.4
0.28
8.1
4.4
°C/W
3
85°C
13.8
0.54
7.8
4.4
°C/W
50°C
14.1
0.52
7.8
4.4
°C/W
25°C
14.2
0.51
7.8
4.4
°C/W
Note that the thermal numbers are simulated per JEDEC JESD51-9
on a 4-layer printed circuit board size = 101.5 mm × 114.5 mm.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com