Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8488KBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8488KBCZ
Description  Digital X-Ray Analog Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8488KBCZ Datasheet(HTML) 1 Page - Analog Devices

  AD8488KBCZ Datasheet HTML 1Page - Analog Devices AD8488KBCZ Datasheet HTML 2Page - Analog Devices AD8488KBCZ Datasheet HTML 3Page - Analog Devices AD8488KBCZ Datasheet HTML 4Page - Analog Devices AD8488KBCZ Datasheet HTML 5Page - Analog Devices AD8488KBCZ Datasheet HTML 6Page - Analog Devices AD8488KBCZ Datasheet HTML 7Page - Analog Devices AD8488KBCZ Datasheet HTML 8Page - Analog Devices AD8488KBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
128-Channel
Digital X-Ray Analog Front End
Data Sheet
AD8488
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
128 integrator channels
Correlated double sample error correction (CDS)
Corrects for VOS and LF noise
Power consumption per channel
Normal: 11 mW
Low power: 4 mW
Low input leakage current: −1.5 pA typical
Low input referred noise (QNI): 993 e−rms typical
Linearity error: 0.03% typical
Compact 17 mm × 17 mm BGA
Selectable filter time constants
4 selectable input charge ranges
10 selectable gain ranges
APPLICATION
High performance digital X-ray systems
Medical X-ray
Security (baggage scanner) systems
GENERAL DESCRIPTION
The AD8488 is a 128-channel, analog front end (AFE) designed for
use in high performance digital X-ray systems. The analog channels
consist of an integrator followed by a gain selectable single-ended
to low impedance differential output. The analog channel converts
the charge acquired by X-ray or photodiode detectors to a voltage.
The channels are composed of CMOS transistors, using typical
high input impedance CMOS gates. The integrators generate charge
dependent voltages using a range of selectable capacitance values that
accommodate a broad range of input charge values. The integrators
are followed by single-ended input to differential output voltage
amplifiers where offset and low frequency noise voltages are
subtracted from the input voltages. A 128:1 channel differential
MUX follows the buffers and drives the analog output buffer.
Switch drivers and certain digital timing functions are included, and
all are mounted on a 255-lead BGA substrate. Charge conversion
for all 128 channels is simultaneous followed by a sequential voltage
output read of the channels using a 7-bit address code. The sequence
occurs twice, sampling all 128 channels. Logic control inputs, CS_A
and CS_B, select the lower and upper 64 blocks of the channel
addresses.
The AD8488 is packaged in a 17 mm × 17 mm, 255-lead, RoHS-
compliant ball grid array (BGA). The operating temperature range
is 0°C to 85°C ambient.
FUNCTIONAL BLOCK DIAGRAM
CHARGE CONVERSION AMPLIFIER
128 CHANNELS
LPF
INT
IN0:127
VREF
TIMING SIGNALS
ANALOG
INPUTS
GAIN AMPLIFIER
CONTROL REGISTER
MUX SELECTOR
TIMING AND CONTROL
CONTROL SIGNALS
2
4
2
7
DIFFERENTIAL
OUTPUT
MULTIPLEXER
128:1
OUTPUT
BUFFER
OUTHI
OUTLO
128
7
INT
Figure 1.


Similar Part No. - AD8488KBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD848 AD-AD848 Datasheet
259Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV.B
AD848 AD-AD848 Datasheet
220Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848 Datasheet
283Kb / 9P
High Speed, Low Power Monolithic Op Amp
23-Feb-2017
AD848AQ AD-AD848AQ Datasheet
259Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV.B
AD848AQ AD-AD848AQ Datasheet
220Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV. B
More results

Similar Description - AD8488KBCZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Texas Instruments
AFE0064 TI-AFE0064 Datasheet
545Kb / 25P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0064 TI-AFE0064_13 Datasheet
1Mb / 31P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0256 TI1-AFE0256 Datasheet
2Mb / 5P
256-Channel Analog Front-End for Flat-Panel Digital X-Ray Detector
AFE0064 TI1-AFE0064_14 Datasheet
1Mb / 32P
64 Channel Analog Front End for Digital X-Ray Detector
AFE1256 TI1-AFE1256 Datasheet
398Kb / 10P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256 Datasheet
72Kb / 6P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256_17 Datasheet
126Kb / 7P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2257 TI1-AFE2257 Datasheet
139Kb / 6P
256-Channel, analog front-end for digital X-ray, flat-panel detectors
AFE3256 TI-AFE3256 Datasheet
506Kb / 6P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com